Electronic Components Datasheet Search |
|
3310H-003-103L Datasheet(PDF) 5 Page - Bourns Electronic Solutions |
|
3310H-003-103L Datasheet(HTML) 5 Page - Bourns Electronic Solutions |
5 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 3310 - 9 mm Square Sealed Panel Control COMMON DIMENSIONS 3310H-003 Pot/Switch Dual Cup Plastic Bushing 3310H-025* Pot/Pot Dual Cup Bushingless Pot/Pot Dual Cup Pot/Switch Dual Cup Pot Single Cup 3310H-002 Pot/Pot Dual Cup Metal Bushing 9.53 ± .25 (.375 ± .010) PRIMARY ELEMENT PRIMARY ELEMENT SECONDARY ELEMENT SWITCH 32 1 BC A 32 1 65 4 PRIMARY ELEMENT SECONDARY ELEMENT MOUNTING SURFACE ANTI-ROTATION LUG 1/4-32 UNEF-2A THREADED METAL BUSHING 32 1 65 4 2.54 ± .25 (0.10 ± .010) 5.08 ± .25 (0.20 ± .010) 7.54 ± .64 (0.297 ± .025) 12.70 ± .64 (0.50 ± .025) 6.35 ± .08 (0.25 ± .003) MOUNTING DIA. 5.59 ± .38 (0.220 ± .015) 1 2 3 4 5 6 PRIMARY WIPER SECONDARY CW CCW CW CCW CLOCKWISE CLOCKWISE 1 2 3 A C B PRIMARY CW CCW CW COMMON SWITCH CCW CLOCKWISE CLOCKWISE 1 2 3 PRIMARY CW CCW CLOCKWISE 6.35 ± .08 (0.25 ± .003) MOUNTING DIA. .36 ± .10 (0.14 ± .004) 12.70 ± .64 (0.50 ± .025) 7.62 ± .64 (0.29 ± .025) 5.97 ± .89 (0.235 ± .035) .64 ± .10 (.025 ± .004) ADJ. SLOT DEEP WIDE X .76 ± .08 (.03 ± .004) .69 ± .10 (.027 ± .004) ADJ. SLOT DEEP WIDE X .76 ± .08 (.03 ± .004) 5.97 ± .89 (.235 ± .035) 2.54 ± .25 (0.10 ± .010) 3.18 ± .05 (.125 ± .002) DIA. 9.75 ± .38 (.383 ± .015) .38 (.015) MIN. STANDOFF .38 (.015) MIN. STANDOFF .38 (.015) MIN. STANDOFF .76 (.03) 6.35 (0.25) 7.62 (0.30) TYP. 1.14 (0.045) TYP. 6.35 (0.25) .51 ± .05 (.020 ± .002) TIN PLATED COPPER PINS MOUNTING SURFACE ANTI-ROTATION LUG 1/4-32 UNEF-2A THREADED PLASTIC BUSHING DIA. .48 (.019) 4 PLCS. NOTE: * Only recommended shaft length for bushingless version 7.62 ± .20 (0.30 ± .008) MOUNTING SURFACE DIA. 3.18 ± .05 (.125 ± .002) DIA. DIMENSIONS ARE: MM (INCHES) Product Dimensions REV. 04/06 |
Similar Part No. - 3310H-003-103L |
|
Similar Description - 3310H-003-103L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |