Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA17-AN15-102BF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDA17-AN15-102BF
Description  17 mm Rotary Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDA17-AN15-102BF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDA17-AN15-102BF Datasheet HTML 1Page - Bourns Electronic Solutions PDA17-AN15-102BF Datasheet HTML 2Page - Bourns Electronic Solutions PDA17-AN15-102BF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDA17 Series - 17 mm Rotary Potentiometer
Features
Carbon element
Switch option
Wide assortment of resistance tapers
RoHS compliant*
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/
synthesizers
PCs/monitors
Appliances
Electrical Characteristics
Taper ....................................Linear, audio
Standard Resistance Range
........................1 K ohms to 1 M ohms
Standard Resistance Tolerance ....±20 %
Residual Resistance ................1 % max.
Switch Rating ....................1 A @ 12 VAC
Environmental Characteristics
Operating Temperature
..................................-10 °C to +50 °C
Power Rating
Linear ......................................0.1 watt
Audio ....................................0.05 watt
Maximum Operating Voltage
Linear ..........................................200 V
Audio ..........................................150 V
Sliding Noise ........................47 mV max.
Mechanical Characteristics
Mechanical Angle ..................260 ° ±10 °
Rotational Torque ............50 to 350 g-cm
Stop Strength......................3 kg-cm min.
Rotational Life ....................15,000 cycles
Soldering Condition
............260 °C max. within 3 seconds
Hardware ................One flat washer and
mounting nut supplied per
potentiometer with bushing
Switch Torque ..............150 to 450 gf-cm
Switch Action Angle..................60 ° max.
PDA17 Series Dimensions
K-Shaft (18 Toothed Serration Type)
L
5
10
25
20
3
)
1
9
5
.
()
7
8
7
.
()
4
8
9
.
()
1
8
1
.
1
(
B
69
2
12
1
)
6
3
2
.
()
4
5
3
.
()
2
7
4
.
()
2
7
4
.
(
F-Shaft (Metal Flatted Type)
M7x0.75
DIA.
6.0
(.236)
7.5
(.295)
5.0
(.196)
L
F
50 °
4.5
(.177)
Product Dimensions
PDA17-SS
L
B
5.0
(.196)
1.5
(.059)
6.0
(.236)
DIA.
17.0
(.669)
DIA.
M7x0.75
TEETH KNURL
1.0
(.039)
7.0
(.275)
10.5
(.413)
20.5
(.807)
R
R
12.5
(.492)
13.5
(.531)
60 °
7.5
(.295)
0.4
(.015)
50 °
9.4
(.370)
DIA.
2.8
(.110)
2.0
(.078) HOLES
2 PLCS.
DIA.
1
2
3
1.5
(.059)
3 PLCS.
DIA.
SHAFT SHOWN IN CCW POSITION
PDA17-SN
L
DIA.
17.0
(.669)
5.0
(.196)
B
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
M7x0.75
1.5
(.059)
7.0
(.275)
60 °
R
12.5
(.492)
7.5
(.295)
0.4
(.015)
2.8
(.110)
50 °
9.4
(.370)
DIA.
1.5
(.059)
3 PLCS.
DIA.
1
2
3
SHAFT SHOWN IN CCW POSITION
DIMENSIONS ARE:
MM
(INCHES)
1
2
3
SCHEMATIC
L
15
20
25
30
(.591)
(.787)
(.984)
(1.181)
F
712
12
12
(.275)
(.472)
(.472)
(.472)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - PDA17-AN15-102BF

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100B-24VG PHIHONG-PDA100B-24VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
PDA100B-48VG PHIHONG-PDA100B-48VG Datasheet
441Kb / 3P
   100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA100W-1A0GD PHIHONG-PDA100W-1A0GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A4GB PHIHONG-PDA100W-1A4GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
More results

Similar Description - PDA17-AN15-102BF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com