Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC20A-3S1.5 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SC20A-3S1.5
Description  low-cost, 20-Amp, non-isolated DC-DC converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC20A-3S1.5 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SC20A-3S1.5 Datasheet HTML 1Page - Bourns Electronic Solutions SC20A-3S1.5 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC20A SERIES
HDLV
Family
Description
The SC20A is a low-cost, 20-Amp, non-isolated DC-DC converter with
an amazingly small footprint of only 0.8 in2. Designed for today's high
power microprocessors, the SC20A accepts either 5 V or 3.3 V inputs and
offers outputs from 1.3 V to 3.3 V. The SC20A also uses an industry-
standard pin-out making it easy to increase power in existing designs.
Using Bourns Switch Power's proprietary V2TM architecture, the SC20A
provides ultrafast transient response, improved line and load regulation, and
very high efficiency. It also incorporates short-circuit protection, Enable / Disable
control, output voltage trim, and remote sense.
Features
• Low Cost
• 20-Amp Output Current
• 90 % Efficiency
• Industry-standard Pin-out
• Low 0.6 " Profile
• Nonisolated Output
• Remote Sense
• Trim Function
• Enable / Disable
• Short-circuit Protection
with auto-restart
• Fast Transient Response
• High-temperature
Operation
• Output Precharge
Capability
Patents 5,770,940
5,978,195
6,127,814
Common Specifications
Min
Nom
Max
Units Notes
Input
Voltage
4.5
5
5.5
Vdc
4.75 Vin Startup
3.0
3.3
3.6
Vdc
Current
20
A
Control Voltage
High = Disable
2.4
Vdc
Source 500 mA
Low = Enable
0.4
Vdc
Open=Enable
E/D Current
1
mA
Output
Current
20
A
Voltage Setpoint Accuracy
±2
%Vnom
Voltage Trim Range
-10
+10
%Vnom
Line Regulation
±0.1
%Vnom
Load Regulation
±0.3
%Vnom
Current Limit
22
25
34
A
Dynamic Response
0 to 20 A load
200
mV
∆i/∆t = 3 A/µs
19
µs
20 to 0 A load
200
mV
∆i/∆t = 3 A/µs
19
µs
Temperature Regulation
±0.02 %Vout/°C
General
MTBF
1,000
kHrs
Bellcore TR332, 25 °C
Operating Temperature
-25
85
°C
-40
85
°C
optional
Storage Temperature
-40
125
°C
Switching Frequency
200
300
400
kHz
Reliable Electronic Solutions
Asia-Pacific:
Europe:
The Americas:
www.bourns.com
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
TEL +41-41 768 5555 • FAX +41-41 768 5510
TEL +1-951 781 5500 • FAX +1-951 781-5700
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SC20A-3S1.5

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SC20ALMDC CYNERGY3-SC20ALMDC Datasheet
64Kb / 1P
   Loop Powered Trip Amplifier
More results

Similar Description - SC20A-3S1.5

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015HKA20 SYNQOR-PQ48015HKA20 Datasheet
787Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HKA20 SYNQOR-PQ48018HKA20 Datasheet
770Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HKA20 SYNQOR-PQ48050HKA20 Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20 SYNQOR-PQ60050QGA20 Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48033HKA20 SYNQOR-PQ48033HKA20 Datasheet
794Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HKA20 SYNQOR-PQ48020HKA20 Datasheet
782Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HKA20 SYNQOR-PQ48025HKA20 Datasheet
787Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com