Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC15A-5SDAC-Z Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SC15A-5SDAC-Z
Description  Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC15A-5SDAC-Z Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SC15A-5SDAC-Z Datasheet HTML 1Page - Bourns Electronic Solutions SC15A-5SDAC-Z Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC15A DAC Series – Power Module
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Standard Options
Features
Low cost
15 amp output current
90 % efficiency
Industry-standard pin-out
Low 0.6 ˝ profile
Non-isolated output
Remote sense
Trim function
Enable / disable
Short-circuit protection with auto-restart
Fast transient response
High-temperature operation
Output precharge capability
Patents 5,770,940; 5,978,195 & 6,127,814
General Information
The SC15A DAC is a low-cost, 15 amp,
non-isolated DC-DC converter with an
amazingly small footprint of only 0.8 in2.
Designed for today’s high power
microprocessors, the SC15A accepts
either 5 V or 3.3 V inputs and offers DAC
controlled outputs from 1.25 V to 3.5 V.
Using Bourns proprietary V2™ architecture,
the SC15A DAC provides ultrafast
transient response, improved line and load
regulation, and very high efficiency. It also
incorporates short-circuit protection,
Enable / Disable control, output voltage
trim, and remote sense.
Input Specifications
Voltage
5 V input ................................4.5 VDC Min.
5 VDC Nom.
5.5 VDC Max.
(4.75 Vin start-up)
3.3 V input .............................3.0 VDC Min.
3.3 VDC Nom.
3.6 VDC Max.
Current ........................................15 A Max.
Enable Voltage
High = Disable.....................2.4 VDC Min.
(Source 500 mA)
Low = Enable .....................0.4 VDC max.
Enable/Disable Current .............1 mA Nom.
Output Specifications
Current ..........................................15 A Max.
Voltage Setpoint Accuracy
.......................................±2 %Vnom Max.
Voltage Trim Range.......-10 to +10 %Vnom
Line Regulation ......................±0.1 %Vnom
Load Regulation ....................±0.3 % Vnom
Current Limit...................................18 A Min.
21 A Nom.
30 A Max.
Dynamic Response
0 to 15 A load
...................200 mV Nom. (∆i/∆t = 3 A/µs)
19 µs Nom.
15 to 0 A load
...................200 mV Nom. (∆i/∆t = 3 A/µs)
19 µs Nom.
Temperature Regulation
...............................±0.02 %Vout/°C Max.
General Specifications
MBTF .................................1,000 kHrs Nom.
(Bellcore TR332, 25 °C)
Operating Temperature..........-25 to +85 °C
(-40 to +85 °C optional)
Storage Temperature...........-40 to +125 °C
Switching Frequency ...............200 kHz Min.
300 kHz Nom.
400 kHz Max.
9.4
(0.37)
6.1
(0.24)
15.24
(0.6)
76.2
(3.00)
16
6
5
1
5.08
(0.2)
2.54
(0.1)
12.7
(0.5)
16.51
(0.65)
0.3 (0.012) TYP. PIN THICKNESS
0.5 (0.020) TYP. PIN WIDTH
3.43 (0.135) TYP. PIN LENGTH BELOW SHOULDER
MILLIMETERS
(INCHES)
DIMENSIONS =
PIN DESCRIPTIONS:
1 – Vout
5 – Gnd
9 – VID3
13 – Vin
2 – Vout
6 – VID0
10 – VID4
14 – No Pin
3 – Sense
7 – VID1
11 – Gnd
15 – Trim
4 – Vout
8 – VID2
12 – Vin
16 – Enable
TOLERANCES =
.25
(.01)
(.xx) = ±
.13
(.005)
(.xxx) = ±
Nominal
Input
(V)
Output
Voltage
(V)
Output
Current
(A)
Short-circuit
Current Typ.
(A)
Noise
Max.
(mV pp)
Efficiency
Typ.
(%)
SC15A-5SDAC
5
1.3 to 3.5
15
22
100
90
SC15A-3SDAC
3.3
1.3 to 2.5
Output Voltage Selection
VID4 VID3 VID2 VID1 VID0
Output
VID4 VID3 VID2 VID1 VID0
Output
0
1
1
1
1
1.30
1
1
1
1
1
2.00
0
1
1
1
0
1.35
1
1
1
1
0
2.10
0
1
1
0
1
1.40
1
1
1
0
1
2.20
0
1
1
0
0
1.45
1
1
1
0
0
2.30
0
1
0
1
1
1.50
1
1
0
1
1
2.40
0
1
0
1
0
1.55
1
1
0
1
0
2.50
0
1
0
0
1
1.60
1
1
0
0
1
1
2.601
0
1
0
0
0
1.65
1
1
0
0
0
1
2.701
0
0
1
1
1
1.70
1
0
1
1
1
1
2.801
0
0
1
1
0
1.75
1
0
1
1
0
1
2.901
0
0
1
0
1
1.80
1
0
1
0
1
1
3.001
0
0
1
0
0
1.85
1
0
1
0
0
1
3.101
0
0
0
1
1
1.90
1
0
0
1
1
1
3.201
0
0
0
1
0
1.95
1
0
0
1
0
1
3.301
0
0
0
0
1
2.00
1
0
0
0
1
1
3.401
0
0
0
0
0
2.05
1
0
0
0
0
1
3.501
Product Dimensions
1 - Not available in 3.3 Vin.


Similar Part No. - SC15A-5SDAC-Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11 KINGBRIGHT-SC15-11 Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC15A-5SDAC-Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
   Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
   POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
   POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
   POWER MODULE
logo
Solid States Devices, I...
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
   POWER MODULE
logo
Bourns Electronic Solut...
M20W BOURNS-M20W Datasheet
183Kb / 2P
   Power Module
logo
Insel Rectifier India P...
IRKD500 IRI-IRKD500 Datasheet
782Kb / 4P
   POWER MODULE
IRKD70 IRI-IRKD70 Datasheet
964Kb / 4P
   POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com