Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5A-12S5 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SC5A-12S5
Description  5-amp, full-featured, non-isolated DC-DC converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC5A-12S5 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SC5A-12S5 Datasheet HTML 1Page - Bourns Electronic Solutions SC5A-12S5 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC5A SERIES
HDLV
Family
Description
The SC5A is a 5-amp, full-featured, non-isolated DC-DC converter.
Designed for 12 V distributed power systems, the SC5A comes in a SIP
form factor to minimize board space and maximize power density. It
combines an industry-standard pin-out with a mounted height of only
0.5 inches. Using Bourns Switch Power's proprietary V2TM architecture with a
12 V input, the SC5A provides ultrafast transient response, improved line and
load regulation, and very high efficiency.
Features
• 5-amp Output Current
• 94 % Efficiency
• Industry-standard Pin-out
• Low 0.5 " Profile
• Non-isolated Output
• Remote Sense
• Remote Enable
• Short-Circuit Protection
with Auto restart
• Trim Function
• Fast Transient Response
• High-temperature
Operation
• 60 W/in 3 Power Density
Patents 5,770,940
5,978,195
Common Specifications
Min Nom Max
Units
Notes
Input
Voltage
9
12
16
Vdc
10-16 V for SC5A-12S5
Current
3
A
Remote Enable
High = Disable
2.4
5.5
Vdc
Source 500 µA
Low = Enable
0.7
Vdc
Open=Enable
Current
20
mA
Disabled
Output
Current
0
5
A
Sense Compensation
50
mV
Voltage Setpoint Accuracy
±1.4
±2.3
%Vnom
Voltage Trim Range
-10
+10
%Vnom
Line Regulation
±0.2
%Vnom
Load Regulation
±0.1
%Vnom
Temp Regulation
.005
%Vnom/°C
Current Limit
6
A
Dynamic Response
0 to 100 % load
200
mV
∆i/∆t = 3 A/µs
19
µs
100 to 0 % load
200
mV
∆i/∆t = 3 A/µs
19
µs
Temperature Regulation
±0.02 %Vout/°C
General
MTBF
1,878
k Hrs
25°C, 80 % load, 100 lfm
Operating Temperature
-25
85
°C
Storage Temperature
-55
125
°C
Switching Frequency
500
kHz
Reliable Electronic Solutions
Asia-Pacific:
Europe:
The Americas:
www.bourns.com
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
TEL +41-41 768 5555 • FAX +41-41 768 5510
TEL +1-951 781 5500 • FAX +1-951 781-5700
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SC5A-12S5

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
   Electronic Digital Scale
logo
Amphenol Corporation
SC50 AMPHENOL-SC50 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Kingbright Corporation
SC50-11 KINGBRIGHT-SC50-11 Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11EWA KINGBRIGHT-SC50-11EWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11SGWA KINGBRIGHT-SC50-11SGWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC5A-12S5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SD10A BOURNS-SD10A Datasheet
81Kb / 2P
   full-featured, dual output, non-isolated DC-DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com