Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD744C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BD744C
Description  PNP SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD744C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BD744C Datasheet HTML 1Page - Bourns Electronic Solutions BD744C Datasheet HTML 2Page - Bourns Electronic Solutions BD744C Datasheet HTML 3Page - Bourns Electronic Solutions BD744C Datasheet HTML 4Page - Bourns Electronic Solutions BD744C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BD744, BD744A, BD744B, BD744C
PNP SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with the
BD743 Series
90 W at 25°C Case Temperature
15 A Continuous Collector Current
20 A Peak Collector Current
Customer-Specified Selections Available
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.72 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BD744
BD744A
BD744B
BD744C
VCBO
-50
-70
-90
-110
V
Collector-emitter voltage (IB = 0)
BD744
BD744A
BD744B
BD744C
VCEO
-45
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-15
A
Peak collector current (see Note 1)
ICM
-20
A
Continuous base current
IB
-5
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
90
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Unclamped inductive load energy (see Note 4)
½LIC
2
90
mJ
Operating free air temperature range
TA
-65 to +150
°C
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Similar Part No. - BD744C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD744C POINN-BD744C Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD744C ISC-BD744C Datasheet
113Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
BD744C SAVANTIC-BD744C Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
BD744C SAVANTIC-BD744C Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD744C NJSEMI-BD744C Datasheet
131Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD744C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com