Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB204G Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB204G
Description  VHF variable capacitance double diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB204G Datasheet(HTML) 3 Page - NXP Semiconductors

  BB204G Datasheet HTML 1Page - NXP Semiconductors BB204G Datasheet HTML 2Page - NXP Semiconductors BB204G Datasheet HTML 3Page - NXP Semiconductors BB204G Datasheet HTML 4Page - NXP Semiconductors BB204G Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 May 03
3
Philips Semiconductors
Product specification
VHF variable capacitance double diodes
BB204B; BB204G
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. VR is the value at which Cd =38pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
IR
reverse current
VR = 30 V; see Fig.3
−−
50
nA
VR = 30 V; Tj =85 °C; see Fig.3
−−
300
nA
rs
diode series resistance
f = 100 MHz; note 1
0.2
0.4
Cd
diode capacitance
see Figs 2 and 4
BB204B
VR = 3 V; f = 1 MHz
37
42
pF
VR = 8 V; f = 1 MHz
24
29
pF
VR = 30 V; f = 1 MHz
14
pF
BB204G
VR = 3 V; f = 1 MHz
34
39
pF
VR = 8 V; f = 1 MHz
22
27
pF
VR = 30 V; f = 1 MHz
14
pF
capacitance ratio
f = 1 MHz
2.5
2.8
C
d3V
()
C
d30V
()
--------------------


Similar Part No. - BB204G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BB20 LITTELFUSE-BB20 Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
NXP Semiconductors
BB200 PHILIPS-BB200 Datasheet
50Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
BB201 PHILIPS-BB201 Datasheet
52Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
BB201 NXP-BB201 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BB201 NXP-BB201 Datasheet
144Kb / 8P
   Low-voltage variable capacitance double diode
2001 Oct 12
More results

Similar Description - BB204G

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BB910 WINNERJOIN-BB910_15 Datasheet
160Kb / 2P
   VHF VARIABLE CAPACITANCE DIODES
logo
NXP Semiconductors
BB909A PHILIPS-BB909A Datasheet
30Kb / 4P
   VHF variable capacitance diodes
1996 May 03
logo
SHENZHEN YONGERJIA INDU...
BB910 WINNERJOIN-BB910 Datasheet
160Kb / 2P
   VHF VARIABLE CAPACITANCE DIODES
logo
NXP Semiconductors
BB804 PHILIPS-BB804 Datasheet
58Kb / 8P
   VHF variable capacitance double diode
1998 Nov 25
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB181 PHILIPS-BB181 Datasheet
69Kb / 8P
   VHF variable capacitance diode
1998 Nov 26
BB187 PHILIPS-BB187 Datasheet
52Kb / 8P
   VHF variable capacitance diode
1999 Oct 19
BB901 PHILIPS-BB901 Datasheet
25Kb / 4P
   VHF variable capacitance diode
1996 May 03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com