Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD543B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BD543B
Description  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD543B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BD543B Datasheet HTML 1Page - Bourns Electronic Solutions BD543B Datasheet HTML 2Page - Bourns Electronic Solutions BD543B Datasheet HTML 3Page - Bourns Electronic Solutions BD543B Datasheet HTML 4Page - Bourns Electronic Solutions BD543B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD543, BD543A, BD543B, BD543C
NPN SILICON POWER TRANSISTORS
2
PRODU CT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 4. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
5. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 4)
IB = 0
BD543
BD543A
BD543B
BD543C
40
60
80
100
V
ICES
Collector-emitter
cut-off current
VCE = 40 V
VCE = 60 V
VCE = 80 V
VCE =100 V
VBE =0
VBE =0
VBE =0
VBE =0
BD543
BD543A
BD543B
BD543C
0.4
0.4
0.4
0.4
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB =0
IB =0
BD543/543A
BD543B/543C
0.7
0.7
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
1
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
VCE =
4 V
IC = 1 A
IC =
3 A
IC =
5 A
(see Notes 4 and 5)
60
40
15
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.3 A
IB =
1 A
IB =
1.6 A
IC =
3A
IC =
5A
IC =
8A
(see Notes 4 and 5)
0.5
0.5
1
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 5 A
(see Notes 4 and 5)
1.4
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.5 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.79
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 6 A
VBE(off) = -4 V
IB(on) = 0.6 A
RL = 5 Ω
IB(off) = -0.6 A
tp = 20 µs, dc ≤ 2%
0.6
µs
toff
Turn-off time
1µs


Similar Part No. - BD543B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD543B POINN-BD543B Datasheet
84Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD543B SAVANTIC-BD543B Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD543B ISC-BD543B Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD543B SAVANTIC-BD543B Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
logo
Bourns Electronic Solut...
BD543B BOURNS-BD543B Datasheet
87Kb / 4P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BD543B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com