Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4200M3BJR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP4200M3BJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4200M3BJR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP4200M3BJR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4200M3BJR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxM3BJ Overvoltage Protector Series
TISP4070M3BJ THRU TISP4115M3BJ,
TISP4125M3BJ THRU TISP4220M3BJ,
TISP4240M3BJ THRU TISP4400M3BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4xxxM3BJ Overview
This TISP
® device series protects central office, access and customer premise equipment against overvoltages on the telecom line. The
TISP4xxxM3BJ is available in a wide range of voltages and has a medium current capability. These protectors have been specified mindful of
the following standards and recommendations: GR-1089-CORE, FCC Part 68, UL1950, EN 60950, IEC 60950, ITU-T K.20, K.21 and K.45. The
TISP4350M3BJ meets the FCC Part 68 “B” ringer voltage requirement (VDRM = ±275 V) and survives the Type B impulse tests. For FCC Part
68 ADSL applications, the TISP4360H3BJ is recommended. The TISP4360H3BJ has an extra 15 V in working level (VDRM = ±290 V) to avoid
clipping the ADSL signal during ringing peaks. The TISP4xxxM3BJ series is housed in a surface mount SMB (DO-214AA) package.
Part #
VDRM
V
V(BO)
V
VT @ IT
V
IDRM
µA
I(BO)
mA
IT
A
IH
mA
Co @ -2 V
pF
Functionally
Replaces
TISP4070M3
58
70
3
5
600
5
150
72
P0640SA†
TISP4080M3
65
80
3
5
600
5
150
72
P0720SA†
TISP4095M3
75
95
3
5
600
5
150
72
P0900SA†
TISP4115M3
90
115
3
5
600
5
150
72
P1100SA†
TISP4125M3
100
125
3
5
600
5
150
52
TISP4145M3
120
145
3
5
600
5
150
52
P1300SA†
TISP4165M3
135
165
3
5
600
5
150
52
TISP4180M3
145
180
3
5
600
5
150
52
P1500SA
TISP4200M3
155
200
3
5
600
5
150
52
TISP4220M3
160
220
3
5
600
5
150
52
P1800SA
TISP4240M3
180
240
3
5
600
5
150
42
TISP4250M3
190
250
3
5
600
5
150
42
P2300SA†
TISP4265M3
200
265
3
5
600
5
150
42
TISP4290M3
220
290
3
5
600
5
150
42
P2600SA†
TISP4300M3
230
300
3
5
600
5
150
42
TISP4350M3
275
350
3
5
600
5
150
42
P3100SA
TISP4360M3
290
360
3
5
600
5
150
42
TISP4395M3
320
395
3
5
600
5
150
42
P3500SA†
TISP4400M3
300
400
3
5
600
5
150
42
† Bourns part has an improved protection voltage
Summary Electrical Characteristics
Summary Current Ratings
Parameter
ITSP
A
ITSM
A
di/dt
A/µs
Waveshape
2/10
1.2/50, 8/20
10/160
5/320
10/560
10/1000
1 cycle 60 Hz
2/10 Wavefront
Value
300
220
120
100
75
50
32
300
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - TISP4200M3BJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4200M3BJ POINN-TISP4200M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4200M3BJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com