Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4115M3BJR Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # TISP4115M3BJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4115M3BJR Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button TISP4115M3BJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 9Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 10Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 11Page - Bourns Electronic Solutions TISP4115M3BJR Datasheet HTML 12Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxM3BJ Overvoltage Protector Series
Typical Characteristics
Figure 6.
NORMALIZED CAPACITANCE
vs
OFF-STATE VOLTAGE
V
D - Off-state Voltage - V
0.5
1
2
3
5
10
20 30
50
100 150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
T
J = 25 °C
V
d = 1 Vrms
TC4MABB
'4240 THRU '4400
'4125 THRU '4220
'4070 THRU '4115
Figure 7.
DIFFERENTIAL OFF-STATE CAPACITANCE
vs
RATED REPETITIVE PEAK OFF-STATE VOLTAGE
V
DRM - Repetitive Peak Off-State Voltage - V
50
60 70 80 90
150
200
250 300 350
100
20
25
30
35
40
∆C = C
off(-2V) - Coff (-50 V)
TCMAEB
Figure 8.
TYPICAL CAPACITANCE ASYMMETRY
vs
OFF-STATE VOLTAGE
V
D — Off-St ate Voltage — V
0.5 0.7
2
3
4 5
7
20
30 4050
110
0
1
2
3
V
d = 1 V rms, 1 MHz
V
d = 10 mV rms, 1 MHz
TC4XBB


Similar Part No. - TISP4115M3BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4115M3BJ BOURNS-TISP4115M3BJ Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4115M3BJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com