Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4395M3BJ Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4395M3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4395M3BJ Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4395M3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 11Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 12Page - Bourns Electronic Solutions TISP4395M3BJ Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxM3BJ Overvoltage Protector Series
Rating and Thermal Information
Figure 10.
THERMAL IMPEDANCE
vs
POWER DURATION
t - Power Duration - s
0·1
1
10
100
1000
4
5
6
7
8
9
15
20
30
40
50
60
70
80
90
150
10
100
TI4MAE
I
TSM(t) APPLIED FOR TIME t
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
Figure 9.
NON-REPETITIVE PEAK ON-STATE CURRENT
vs
CURRENT DURATION
t - Current Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
6
7
8
9
15
20
30
10
TI4MAC
V
GEN = 600 Vrms, 50/60 Hz
R
GEN = 1.4*VGEN /ITSM(t)
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
Figure 11.
V
DRM DERATING FACTOR
vs
MINIMUMAMBIENT TEMPERATURE
T
AMIN - Minimum Ambient Temperature - °C
-35
-25
-15
-5
5
15
25
-40
-30
-20
-10
0
10
20
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
TI4MADA
'4125 THRU '4200
'4240 THRU '4400
'4070 THRU '4115
Figure 12.
IMPULSE RATING
vs
AMBIENT TEMPERATURE
T
A - Ambient Temperature - °C
-40 -30 -20 -10
0
10 20304050607080
40
50
60
70
80
90
100
120
150
200
250
300
400
IEC 1.2/50, 8/20
ITU-T 10/700
FCC 10/560
BELLCORE 2/10
BELLCORE 10/1000
FCC 10/160
TC4MAA


Similar Part No. - TISP4395M3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4395M3AJ BOURNS-TISP4395M3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395M3AJ BOURNS-TISP4395M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395M3AJR BOURNS-TISP4395M3AJR Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395M3AJR-S BOURNS-TISP4395M3AJR-S Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395M3LM BOURNS-TISP4395M3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4395M3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com