Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT66011AL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT66011AL
Description  ISDN S-Interface Transformer Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT66011AL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT66011AL Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PT66011A - ISDN S-Interface Transformer Module
Features
Through-hole unit
Isolation voltage of 20000 Vrms
Low interwinding capacity
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Telecom
PT6
601
1A
XX
YY
9
8
7
III
IV
core 1
n = 2/2:1/1
I
II
2
3
17
V
VI
1
18
11
10
12
core 2
n = 2/2:1/1
III
IV
I
II
4
16
15
VII
VIII
core 3
n = 1:1:1:1
5
14
Electrical Specifications @ 25 °C
Turns Ratio ±1 % (III+IV:I+II)
......................................see schematic
Impedance at 20 kHz 100 mV
with IDC=3.6 mA (core 1,2)
ohm min..........................................625
OCL at 10 kHz 100 mV(mH min)
Transformer I+II (core1,2)..................22
Choke V,VI,VII, VIII +50/-30 % ............5
Interwinding Capacity (10 kHz 100 mV)
Cww (pF max) (core 1,2) ................150
Leakage Inductance (10 kHz 100 mV)
Ls (uH)
Ls I+II (III+IV shorted) core 1,2 ......<0.6
Ls V( IV,VI,VII shorted) core 3........< 0.6
HIPOT 50 Hz for 2 sec. (Vrms)
I/II (core 1+2) to III/IV (core 1+2) ..2000
V/VI (core 3) to III/IV (core 1) to
VII+VIII (core 3) + III/IV (core 2) ......500
DCR III=IV (ohm Max) ........................2.65
DCR I+II (ohm max) ............................1.4
DCR V,VI,VII, VIII (ohm max) ................1.1
Operating Temperature (°C) ........0 to +70
Other OCL specifications available on
request.
Packaging Specifications
Tube ....................................15 pcs./tube
Electrical Schematic
Product Dimensions
1.50
(0.059)
15.1
(0.594)
0.50
(0.020)
1.0
(0.040)
3.50 ± 0.50
(0.138 ± 0.020)
MAX.
18
1
10
9
10.5
(0.413)
8.89
(0.35)
BOTTOM VIEW
29.1
(1.146)
2.54
(0.010)
MAX.
8X
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCE: ±
0.2
(.008)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
01/06
How to Order
PT66011A __
Model
Termination Coating
Blank = Tin-lead
L = 100 % Tin


Similar Part No. - PT66011AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6601 TI-PT6601 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT6601 PTC-PT6601 Datasheet
79Kb / 4P
   LCD Driver IC
logo
Texas Instruments
PT6601 TI1-PT6601 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
logo
Princeton Technology Co...
PT6601-H PTC-PT6601-H Datasheet
79Kb / 4P
   LCD Driver IC
logo
Bourns Electronic Solut...
PT66013 BOURNS-PT66013 Datasheet
146Kb / 1P
   T1/E1/CEPT Transformer
More results

Similar Description - PT66011AL

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5017 BOTHHAND-S5017 Datasheet
243Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com