Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4300H4BJ-S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP4300H4BJ-S
Description  HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4300H4BJ-S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP4300H4BJ-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4300H4BJ-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxH4BJ Overvoltage Protector Series
TISP4165H4BJ THRU TISP4200H4BJ,
TISP4265H4BJ THRU TISP4350H4BJ
HIGH HOLDING CURRENT
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
Device Symbol
Device
VDRM
V
V(BO)
V
‘4165
135
165
‘4180
145
180
‘4200
155
200
‘4265
200
265
‘4300
230
300
‘4350
275
350
Waveshape
Standard
ITSP
A
2/10 µs
GR-1089-CORE
500
8/20 µs
IEC 61000-4-5
300
10/160 µs
FCC Part 68
250
10/700 µs
ITU-T K.20/21
200
10/560 µs
FCC Part 68
160
10/1000 µs
GR-1089-CORE
100
Rated for International Surge Wave Shapes
12
T(A)
R(B)
MDXXBG
How To Order
SMBJ Package (Top View)
Description
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by a.c. power system or lightning
flash disturbances which are induced or conducted on to the telephone line. A single device provides 2-point protection and is typically used
for the protection of 2-wire telecommunication equipment (e.g., between the Ring and Tip wires for telephones and modems). Combinations of
devices can be used for multi-point protection (e.g., 3-point protection between Ring, Tip and Ground).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping until
the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state causes the
current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup as the
diverted current subsides.
ITU-T K.20/21 Rating ....................... 8 kV 10/700, 200 A 5/310
High Holding Current ........................................... 225 mA min.
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
Low Differential Capacitance ................................. 67 pF max.
.............................................. UL Recognized Component
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Device
Package
Carrier
TISP4xxxH4BJ
BJ (J-Bend DO-214AA/SMB)
Embossed Tape Reeled
TISP4xxxH4BJR
Bulk Pack
TISP4xxxH4BJ
TISP4xxxH4BJR-S
TISP4xxxH4BJ-S
Insert xxx value corresponding to protection voltages of 165 through to 350.
For Standard
Termination Finish
Order As
For Lead Free
Termination Finish
Order As


Similar Part No. - TISP4300H4BJ-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300H4BJ BOURNS-TISP4300H4BJ Datasheet
356Kb / 11P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4300H4BJ-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4165H4BJ BOURNS-TISP4165H4BJ_07 Datasheet
356Kb / 11P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com