Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT66005L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT66005L
Description  T1/CEPT/ISDN PRI Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT66005L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT66005L Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PT66005 - T1/CEPT/ISDN PRI Transformer
Features
Dual and single through-hole models
available
Low height of only 6.3 mm
Matched to leading transceiver ICs
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Telecom
1
I
2
Pri
II
5
6
1:1
Sec
Electrical Specifications @ 25 °C
Turns Ratio ± 5 % (I : II) ......................1:1
OCL (mH min.) ....................................1.2
Interwinding Capacitance
Cww (pF max.)..................................25
Leakage Inductance Ls (µH max.) ......0.5
HIPOT 50 Hz for 2 sec. (I : II) ............1500
DCR (Ω max.) ......................................0.7
Operating Temperature (°C) ........0 to +70
Other OCL specifications available on
request.
Packaging Specifications
Tube ....................................56 pcs./tube
Electrical Schematic
Product Dimensions
5
3
1
6
4
2
12.7
(0.5)
8.89
(0.35)
LOGO
PIN 1
DATE CODE
P/N
MAX.
MAX.
10.16
(0.40)
6.35
(0.25)
2.54
(0.10)
3.30 ± 0.30
(0.130 ± 0.012)
TYP.
0.5 ± 0.1
(.020 ± .004)
DIA.
TYP.
MAX.
DIMENSIONS ARE:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
PT66005 __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)
03/05


Similar Part No. - PT66005L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI1-PT6600 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
PT66002 BOURNS-PT66002 Datasheet
147Kb / 1P
   T1 Transformer
PT66002L BOURNS-PT66002L Datasheet
147Kb / 1P
   T1 Transformer
More results

Similar Description - PT66005L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com