Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4080L3AJR Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP4080L3AJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4080L3AJR Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP4080L3AJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 9Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 10Page - Bourns Electronic Solutions TISP4080L3AJR Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
JULY 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MECHANICAL DATA
TISP4xxxL3AJ Overvoltage Protector Series
Tape Dimensions
“TISP” is a trademark of Bourns, Ltd., a Bourns Company and Registered in U.S. Patent and Trademark Office.
“Bourns” is a registered trademark of Bourns, Inc. in the U.S. and other countries.
MDXXCGA
SMA Package Single-Sprocket Tape
Carrier Tape
Embossment
Direction of Feed
Maximum component
rotation
Typical component
cavity center line
Typical component
center line
Index
Mark
(If needed)
Cover
Tape
20°
3.90 - 4.10
(.154 - .161)
11.70 - 12.30
(.461 - .484)
5.45 - 5.55
(.215 - .219)
1.5
(.059)
MIN.
0 MIN.
4.50
(.177)
MAX.
8.20
(.323)
MAX.
0.40
(.016)
MAX.
1.65 - 1.85
(.065 - .073)
1.55 - 1.65
(.061 - .065)
1.95 - 2.05
(.077 - .081)
3.90 - 4.10
(.154 - .161)
NOTES: A. The clearance between the component and the cavity must be within 0.05 mm (.002 in) MIN. to 0.65 mm (.026 in)
MAX. so that the component cannot rotate more than 20° within the determined cavity.
B. Taped devices are supplied on a reel of the following dimensions:
Reel diameter:
330 mm ± 3.0 mm (12.99 in ± .12 in)
Reel hub diameter: 75 mm (2.95 in) MIN.
Reel axial hole:
13.0 mm ± 0.5 mm (.51 in ± .02 in)
C. 5000 devices per reel.
DIMENSIONS ARE:
MILLIMETERS
(INCHES)


Similar Part No. - TISP4080L3AJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4080L3AJ BOURNS-TISP4080L3AJ Datasheet
315Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4080L3AJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com