Electronic Components Datasheet Search |
|
TISP4350H4BJR-S Datasheet(PDF) 8 Page - Bourns Electronic Solutions |
|
TISP4350H4BJR-S Datasheet(HTML) 8 Page - Bourns Electronic Solutions |
8 / 13 page NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. TISP4xxxH4BJ Overvoltage Protector Series Deployment APPLICATIONS INFORMATION Impulse Testing Standard Peak Voltage Setting V Voltage Waveform µs Peak Current Value A Current Waveform µs TISP4xxxH4 25 °C Rating A Series Resistance Ω GR-1089-CORE 2500 2/10 500 2/10 500 0 1000 10/1000 100 10/1000 100 FCC Part 68 (March 1998) 1500 10/160 200 10/160 250 0 800 10/560 100 10/560 160 0 1500 9/720 † 37.5 5/320 † 200 0 1000 9/720 † 25 5/320 † 200 0 I3124 1500 0.5/700 37.5 0.2/310 200 0 ITU-T K.20/K.21 1500 4000 10/700 37.5 100 5/310 200 0 † FCC Part 68 terminology for the waveforms produced by the ITU-T recommendation K.21 10/700 impulse generator These devices are two terminal overvoltage protectors. They may be used either singly to limit the voltage between two conductors (Figure 12) or in multiples to limit the voltage at several points in a circuit (Figure 13). In Figure 12, protector Th1 limits the maximum voltage between the two conductors to ±V(BO). This configuration is normally used to protect circuits without a ground reference, such as modems. In Figure 13, protectors Th2 and Th3 limit the maximum voltage between each conduc- tor and ground to the ±V(BO) of the individual protector. Protector Th1 limits the maximum voltage between the two conductors to its ±V(BO) value. If the equipment being protected has all its vulnerable components connected between the conductors and ground, then protector Th1 is not required. If the impulse generator current exceeds the protector’s current rating, then a series resistance can be used to reduce the current to the protector’s rated value to prevent possible failure. The required value of series resistance for a given waveform is given by the following calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the minimum total circuit impedance to give the required value of series resistance. In some cases, the equipment will require verification over a temperature range. By using the rated waveform values from Figure 11, the appropriate series resistor value can be calculated for ambient temperatures in the range of -40 °C to 85 °C. To verify the withstand capability and safety of the equipment, standards require that the equipment is tested with various impulse wave forms. The table below shows some common values. Figure 12. Two Point Protection Figure 13. Multi-point Protection Th1 Th3 Th2 Th1 |
Similar Part No. - TISP4350H4BJR-S |
|
Similar Description - TISP4350H4BJR-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |