Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4395J1BJ Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4395J1BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4395J1BJ Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4395J1BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 11Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 12Page - Bourns Electronic Solutions TISP4395J1BJ Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxJ1BJ Overvoltage Protector Series
APPLICATIONS INFORMATION
Y Configuration Design
This protection configuration has three modes of protection. The RING to TIP terminal pair protection is given by the series combination of
protectors Th1a and Th1b, see Figure 11. The terminal pair protection voltage will be the sum of the V(BO), breakover voltage, of Th1a and the
V(BO) of Th1b. Protectors Th1a and Th1b are the same device type and the terminal pair protection voltage will be 2 V(BO)1. For a terminal pair
protection voltage of ±400 V, Th1a and Th1b would have V(BO)1 = ±400/2 = ±200 V.
Similarly for the other terminal pairs, RING to GROUND protection is given by the series combination of Th1b and Th2 and the terminal pair
protection voltage is V(BO)1 + V(BO)2. TIP to GROUND protection voltage will also be V(BO)1 + V (BO)2.
The maximum terminal pair voltage before clipping might occur is the sum of the protector VDRM, off-state voltages, see Figure 12. For RING to
TIP this will be 2 VDRM1. The ±200 V V(BO)1 protectors of the previous example have a VDRM of ±155 V, giving a maximum non-clipping signal
voltage of ±310 V. For RING to GROUND and TIP to GROUND terminal pairs, the maximum non-clipping signal voltage will be VDRM1 + V DRM2 .
Under longitudinal surge conditions, when the prospective currents of the line conductors, IRING and ITIP, are equal, Th2, the ground return
protector, carries the sum of the Th1a and Th1b currents, see Figure 13. The current rating of Th2 must be twice that of Th1a and Th1b.
GR-1089-CORE Designs
The main impulse waveforms of the standard are 500 A, 2/10 and 100 A, 10/1000. Assuming fuse current limiters, F1a and F1b, a suitable
Th1a and Th1b protector for these conductor currents is the TISP4xxxH3BJ series of devices. The ground return protector, Th2, must be rated
for at least 1000 A,2/10 and 200 A, 10/1000. A suitable Th2 protector for these ground currents is the TISP4xxxJ1BJ series of devices. This
arrangement is shown in Figure 14 and the following table lists all the catalogue device combinations.
Figure 11. Protection Voltage
Figure 12. Off-State Voltage
Figure 13. Current Flow
AI4JAC
Th1a
Th2
Th1b
RING
TIP
V
(BO)1
V
(BO)1
V
(BO)2
V
(BO)1 + V(BO)2
2 V
(BO)1
V
(BO)1 + V(BO)2
AI4JAB
Th1a
Th2
Th1b
RING
TIP
V
DRM1
V
DRM1
V
DRM2
V
DRM1 + VDRM2
V
DRM1 + VDRM2
2 V
DRM1
Th1a
AI4JAA
Th1b
RING
TIP
I
TIP
I
RING
II
TIP
+
I
RING
Th2
RING to TIP Voltages
RING to GROUND,
TIP to GROUND Voltages
GR-1089-CORE Y Configuration Parts and Part Voltages
VDRM
V
V(BO)
V
VDRM
V
V(BO)
V
Th1a, Th1b
Part #
Th2
Part #
VDRM
V
V(BO)
V
±116
±140
±116
±140
TISP4070H3BJ
TISP4070J1BJ
±58
±70
±130
±160
±130
±160
TISP4080H3BJ
TISP4080J1BJ
±65
±80
±150
±190
±150
±190
TISP4095H3BJ
TISP4095J1BJ
±75
±95
±180
±230
±180
±230
TISP4115H3BJ
TISP4115J1BJ
±90
±115
±200
±250
±200
±250
TISP4125H3BJ
TISP4125J1BJ
±100
±125
±240
±290
±240
±290
TISP4145H3BJ
TISP4145J1BJ
±120
±145
±270
±330
±270
±330
TISP4165H3BJ
TISP4165J1BJ
±135
±165
±290
±360
±290
±360
TISP4180H3BJ
TISP4180J1BJ
±145
±180
±310
±400
±310
±400
TISP4200H3BJ
TISP4200J1BJ
±155
±200
±360
±438
±360
±438
TISP4219H3BJ
TISP4219J1BJ
±180
±219


Similar Part No. - TISP4395J1BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4395J3BJ BOURNS-TISP4395J3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395J3BJ BOURNS-TISP4395J3BJ Datasheet
545Kb / 7P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395J3BJR BOURNS-TISP4395J3BJR Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4395J3BJR-S BOURNS-TISP4395J3BJR-S Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4395J1BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com