Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT541-1L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT541-1L
Description  ADSL Line Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT541-1L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT541-1L Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM540-1 & PT541-1 ADSL Line Transformers
Features
For use with Alcatel’s MTK-20140
ADSL chipset
Excellent Total Harmonic Distortion
(THD) Performance
Both SMT and Thru-Hole package version
Small size
Operating temperature -40 °C to +85 °C
Designed to meet UL1950 and EN60950
supplementary insulation requirements
for operating voltages up to 250 Vrms
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
ADSL - Alcatel MTK20140
Electrical Specifications @ 25 °C
Turns Ratio (1-4):(10-7) (line to chip)
SM540-1 ................................1:1 ±2 %
PT541-1 ................................2:1 ±2 %
OCL @ 10 kHz, 0.1 V
(1-4) with (2-3) shorted
SM540-1........................480 µH ±10 %
PT541-1 ........................410 µH ±10 %
Leakage Inductance @ 300 kHz 0.1 V
(1-4) with (2-3), (7-10), (8-9) shorted
SM540-1 ........................10.0 µH max.
PT541-1 ............................6.5 µH max.
Longitudinal Balance
30 kHz to 1.1 MHz ............-40 dB min.
Insertion Loss
@ 100 kHz and 1.1 MHz ..........<1.0 dB
Isolation Voltage ............1500 Vrms max.
DC Resistance
(1-4) with (2-3) shorted
SM540-1 ............................1.0 Ω max.
PT541-1 ..............................0.6 Ω max.
THD Linearity
SM540-1 @ 10 kHz (min.) ..-72 dB typ.
PT541-1 @ 20 kHz (min.) ....-72 dB typ.
Application
SM540-1........................................CPE
PT541-1 ..........................................CO
Product Dimensions
Electrical Schematic
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCE: ±
0.25
(.010)
SM540-1
(DATECODE)
5
4
3
2
1
6
7
8
9
10
.711 ± .050
(.028 ± .002)
Recommended PAD layout
10 PLCS.
1.30 ± .050
(.051 ± .002)
10 PLCS.
13.46
(.530)
MAX.
10.00
(.394)
MAX.
17.65
(.695)
MAX.
13.50
(.531)
MAX.
12.32
(.485)
MAX.
12.07
(.475)
MAX.
2.50
(.098)
2.54
(.100)
2.50
(.098)
10.00
(.394)
15.37
(.605)
0.13
(.005)
10 SURFACES
SMT
10
8
9
7
1
3
2
4
SM540-1
PT541-1
THT
PT541-1
(DATECODE)
2.6
(.102)
DIA.
10 PLCS.
MIN.
14.0
(.551)
MAX.
14.2
(.559)
MAX.
12.70
(.500)
MAX.
0.6
(.024)
10.00
(.394)
10.00
(.394)
2.50
(.098)
Packaging Specifications
SM540-1E* ..........................200 pcs./reel
PT541-1 ................................60 pcs./tray
*”E” suffix at end of part number
designates tape & reel packaging, e.g.
SM540-1E.
03/05
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
SM540-1E or PT541-1 __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Similar Part No. - PT541-1L

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT541-1 DATATRONICS-PT541-1 Datasheet
121Kb / 1P
   ADSL Line Transformers
More results

Similar Description - PT541-1L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
   ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
   ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
   ADSL Line Transformers
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
   ADSL Line Transformers
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
   ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
   ADSL Line Transformers
SM538-1 DATATRONICS-SM538-1 Datasheet
113Kb / 1P
   ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B2031NL PULSE-B2031NL Datasheet
93Kb / 1P
   ADSL LINE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com