Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1608-800Y Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # MG1608-800Y
Description  High Impedance Chip Ferrite Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MG1608-800Y Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  MG1608-800Y Datasheet HTML 1Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 2Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 3Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 4Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 5Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 6Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 7Page - Bourns Electronic Solutions MG1608-800Y Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MG, MU, MZ Series High Impedance Chip Ferrite Beads
Equivalent Circuit
Recommended Soldering
R(f)
Preheating:
100 ° to 150 °C
2 minutes min.
5 seconds max.
120 sec. max.
50 sec. max.
200 °C
230 °C
260 °C max.
Electrical Specifications (continued)
MU 1005- 601Y
Z
X
R
0
800
400
600
200
1
10
100
1000
FREQUENCY (MHz)
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
Recommended Land Pattern
A
B
D
C
FERRITE
TERMINAL ELECTRODE
D
I
G
I
H
Series
A
B
C
D
G
H
I
3261
3.2 ±0.2
(.126 ±.008)
1.6 ±0.2
(.063 ±.008)
1.1 ±0.2
(.043 ±.008)
0.5 ±0.2
(.020 ±.008)
2.0
(.079)
1.4
(.053)
1.1
(.043)
2029
2.0 ±0.2
(.079 ±.008)
1.2 ±0.2
(.047 ±.008)
0.9 ±0.2
(.035 ±.008)
0.5 ±0.2
(.020 ±.008)
1.0
(.040)
1.0
(.040)
1.0
(.040)
1608
1.6 ±0.2
(.063 ±.008)
0.8 ±0.2
(.031 ±.008)
0.8 ±0.2
(.031 ±.008)
0.5 ±0.2
(.020 ±.008)
0.7
(.028)
0.7
(.128)
0.7
(.128)
1005
1.0 ±0.10
(.04 ±.004)
0.50 ±0.10
(0.02 ±.004)
0.50 ±0.10
(.02 ±.004)
0.25 ±0.10
(.01 ±.004)
0.5
(.02)
0.55
(.022)
0.7
(.028)


Similar Part No. - MG1608-800Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MG1608-800Y BOURNS-MG1608-800Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MG1608-800Y BOURNS-MG1608-800Y Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
More results

Similar Description - MG1608-800Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU3261-300Y BOURNS-MU3261-300Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MG2029 BOURNS-MG2029_12 Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
logo
List of Unclassifed Man...
HZ0805C202R ETC2-HZ0805C202R Datasheet
338Kb / 6P
   High Impedance Ferrite Chip Beads
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
Frontier Electronics.
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB322513 FRONTIER-FB322513 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com