Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3309W-2-103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3309W-2-103
Description  Round Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3309W-2-103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3309W-2-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3309W-2-103 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3309 - 9 mm Round Trimming Potentiometer
Features
9 mm Round / Single-Turn / Cermet
Industrial / Open Frame
Both sides adjust
Cross slot and hexagon adjustment
designs
Horizontal and vertical mounting styles
Dust resistant/splash resistant covers
PC board stand-offs and retention feature
RoHS compliant*
Electrical Characteristics
Standard Resistance Range
......................100 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ............±25 % std.
Absolute Minimum Resistance
....................2 % max. (≤2K = 30 ohms)
Contact Resistance Variation ..3 % max.
Resolution...................Essentially infinite
Adjustment Angle ..................235 ° nom.
Environmental Characteristics
Power Rating (250 volts max.)
70 °C ........................................0.5 watt
Temperature Range ....-25 °C to +100 °C
Temperature Coefficient ....±250 ppm/°C
Load Life ................1,000 hours 0.5 watt
@ 70 °C (5 % ∆TR)
Physical Characteristics
Mechanical Angle...................260 °±10 °
Torque (Operating)..............5 oz-in. max.
Stop Strength ................11.0 oz -in. min.
Terminals ........................Solderable pins
Marking ...........................Manufacturer’s
trademark, resistance code
Standard Packaging ....200 pcs. per bag
Adjustment Tool ..............................H-90
Aqueous cleaning not recommended
1
2
3
MOUNTING
SURFACE
2.0
(.079)
3309P-3 Both Sides Adjust Hex
2
SUGGESTED PWB LAYOUT - 3309P
1.2 ± .18
(.047 ± .007)
4.0
(.157)
10.0 ± .18
(.394 ± .007)
9.0 ± .51
(.354 ± .020)
11.5 ± .51
(.453 ± .020)
5.80 ± .51
(.228 ± .020)
5.0
(.197)
5.0
(.197)
2.5
(.098)
10.34 ± .51
(.407 ± .020)
4.0
(.157)
HEX THRU HOLE
ACROSS FLATS
2.5 ± .18
(.098 ± .007)
5.0 ± .18
(.197 ± .007)
DIA. 3 PLCS.
DIA. -2, -3 ONLY
1
3 CW
CLOCKWISE
CCW
2 WIPER
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
How To Order
3309 W - 2 - 103
Model
Style
Rotor Style
-1 =
Standard
-2 =
Cross Slot/Single Slot Rear Adjust
-3 =
2 mm Hex Thru Hole
Resistance Code
9.0 ± .51
(.354 ± .020)
11.5 ± .51
(.453 ± .020)
1
3
2
6.35 ± .51
(.250 ± .020)
10.34 ± .51
(.407 ± .020)
4.0
(.157)
MOUNTING
SURFACE
Top/Bottom Adjust
Common Dimensions
3309P
3309P-1 Top Adjust
3309P-2 Both Sides Adjust/Cross Slot
2
ADJ.
CROSS SLOT
.80 ± .15
(.031 ± .006)
3.4 ± .15
(.134 ± .006)
2.0 ± .15
(.079 ± .006)
WIDE
X
X
LONG
DEEP
5.0
(.197)
5.0
(.197)
2.5
(.098)
10.34 ± .51
(.407 ± .020)
4.0
(.157)
5.8 ± .51
(.228 ± .020)
MOUNTING
SURFACE
2
2.29 ± .51
(.090 ± .020)
1.2
(.047)


Similar Part No. - 3309W-2-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309W-2-101 BOURNS-3309W-2-101 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results

Similar Description - 3309W-2-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
   Round Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
   Round Trimpot Trimming Potentiometer
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
   Round Trimpot Trimming Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3306 SUNTAN-TSR-3306 Datasheet
739Kb / 1P
   Round Trimming Potentiometer - 3306 6mm
TSR-3306 SUNTAN-TSR-3306_17 Datasheet
719Kb / 1P
   Round Trimming Potentiometer ??3306 6mm
TSR-3309 SUNTAN-TSR-3309 Datasheet
841Kb / 1P
   Round Trimming Potentiometer - 3309 9mm
TSR-3318 SUNTAN-TSR-3318 Datasheet
574Kb / 1P
   Round Trimming Potentiometer - 3318 6mm
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309_17 Datasheet
275Kb / 1P
   Round Trimming Potentiometer ??3309 9mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com