Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP3395T3 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP3395T3
Description  Overvoltage Protector Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3395T3 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP3395T3 Datasheet HTML 1Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3395T3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP3xxxT3BJ Overvoltage Protector Series
Electrical Characteristics for the 1 and 2 or the 3 and 2 Terminals, TA = 25 °C (Continued)
Coff
Off-state capacitance
f=1MHz,
Vd=1V rms, VD =0,
‘3070 thru ‘3095
‘3115 thru ‘3219
‘3250 thru ‘3395
95
69
51
90
63
46
83
59
42
43
29
20
16
114
83
62
108
76
55
100
70
51
51
35
24
19
pF
f=1MHz,
Vd=1V rms, VD =-1V
‘3070 thru ‘3095
‘3115 thru ‘3219
‘3250 thru ‘3395
f=1MHz,
Vd=1V rms, VD =-2V
‘3070 thru ‘3095
‘3115 thru ‘3219
‘3250 thru ‘3395
f=1MHz,
Vd=1V rms, VD =-50 V
‘3070 thru ‘3095
‘3115 thru ‘3219
‘3250 thru ‘3395
f=1MHz,
Vd=1V rms, VD = -100 V
(see Note 3)
‘3250 thru ‘3395
NOTE
3: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
third terminal is connected to the guard terminal of the bridge.
Parameter
Test Conditions
Min
Typ
Max
Unit
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
R θJA Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 4)
90
°C/W
NOTE
4:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP3395T3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3320F3 POINN-TISP3320F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3320F3 BOURNS-TISP3320F3 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR BOURNS-TISP3320F3DR Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR-S BOURNS-TISP3320F3DR-S Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3SL BOURNS-TISP3320F3SL Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3395T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com