Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP3070T3 Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP3070T3
Description  Overvoltage Protector Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3070T3 Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button TISP3070T3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP3070T3 Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP3xxxT3BJ Overvoltage Protector Series
Typical Characteristics
Figure 6.
Figure 7.
CAPACITANCE
vs
OFF-STATE VOLTAGE
V
D - Off-state Voltage - V
0.5
1
2
3
5
10
20 30
50
100150
15
20
30
40
50
60
70
80
90
10
TC4AH3AD
T
J = 25 °C
V
d = 1 V rms
'3250 thru
'3395
'3115 thru
'3219
'3070 thru
'3095
OFF-STATE CAPACITANCE
vs
RATED REPETITIVE PEAK OFF-STATE VOLTAGE
V
DRM - Repetivive Peak Off-State Voltage - V
50
60 70 80 90
150
200
250 300 350
100
30
40
50
60
70
80
TC4AH3AF
V
D = 2 V


Similar Part No. - TISP3070T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3070T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com