Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX10A-3-5SA-P Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # SX10A-3-5SA-P
Description  SIP Non-Isolated Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SX10A-3-5SA-P Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button SX10A-3-5SA-P Datasheet HTML 5Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 6Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 7Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 8Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 9Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 10Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 11Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 12Page - Bourns Electronic Solutions SX10A-3-5SA-P Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
11
SX(T)10A-3-5SA SIP Non-Isolated Power Module
Operating Information (Continued)
Remote Sense
The Remote Sense feature is used to minimize the effects of distribution losses by regulating the voltage at the Remote Sense pin (See
Figure 29). The voltage between the Sense pin and Vo pin must not exceed 0.5 V.
When the Remote Sense feature is not being used, connect the Remote Sense pin to the output pin of the module.
It is very important to make sure that the maximum output power (Vo x Io) of the module remains less than or equal to the maximum
rated power. Using Remote Sense, the output voltage of the module can increase, which may increase the power output by the module.
Sufficient cooling must always be considered to ensure reliable operation, as these devices operate in a variety of thermal environments.
Factors such as ambient temperature, airflow, power dissipation and reliability must be taken into consideration.
The data presented in Figures 19 to 23 is based on physical test results taken in a wind tunnel test. The test set-up is shown in
Figure 31.
The thermal reference points are (1) Tref1 and Tref2 as shown in Figure 30, and (2) Tref3 = temperature at controller IC. For reliable
operation, none of these Tref points should exceed 115 °C.
Thermal Considerations
Rdistribution
Rdistribution
Rdistribution
Rdistribution
Rcontact
Rcontact
Rcontact
Rcontact
Vo
V(+)
IN
R
COM
Sense
LOAD
Fig. 29 Remote Sense Circuit Configuration
Fig. 27 Voltage Sequencing at Power Up
Vo: 1 Volt 500
µs
Vseq: 1 Volt 500
µs
(V
= 5.0 V , V = 3.3 V , I = 10.0 A)
in
dc
dc
oo
Fig. 28 Voltage Sequencing at Power Down
Vo: 1 Volt 1 ms
Vseq: 1 Volt 1 ms
(V
= 5.0 V , V = 3.3 V , I = 10.0 A)
in
dc
dc
oo
Time (0.5 ms/div)
Time (0.5 ms/div)


Similar Part No. - SX10A-3-5SA-P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX10 SEMTECH-SX10 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
SX100 SEMTECH-SX100 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Sensortechnics GmbH
SX100A SENSORTECHNICS-SX100A Datasheet
253Kb / 10P
   Pressure sensors
logo
Honeywell Accelerometer...
SX100A HONEYWELL-ACC-SX100A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SX100AD2 SENSORTECHNICS-SX100AD2 Datasheet
253Kb / 10P
   Pressure sensors
More results

Similar Description - SX10A-3-5SA-P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
logo
Lineage Power Corporati...
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com