Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX16A-3-5SA Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # SX16A-3-5SA
Description  SIP Non-Isolated Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SX16A-3-5SA Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button SX16A-3-5SA Datasheet HTML 4Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 5Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 6Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 7Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 8Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 9Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 10Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 11Page - Bourns Electronic Solutions SX16A-3-5SA Datasheet HTML 12Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
8
SX(T)16A-3-5SA SIP Non-Isolated Power Module
Operating Information
SX(T)16A-3-5SA
Remote On/Off
The SX(T)16A-3-5SA comes standard with Active LOW Negative On/Off logic, i.e., OPEN or LOW (< 0.4 V) will turn ON the device.
To turn the device OFF, increase the voltage level on the On/Off pin above 2.4 V, as shown in Figure 23, placing the part into low
dissipation sleep mode.
The SX(T)16A-3-5SA-P comes with Active HIGH Positive On/Off logic, i.e., OPEN or HIGH (>2.4 V) will turn on the device. To turn OFF,
decrease the voltage level on the On/Off pin below 0.4 V.
The signal levels of the On/Off pin input is defined with respect to ground.
SX(T)16A-3-5SA-P
Input Considerations
The input must have a stable low impedance AC source for optimum performance. This can be accomplished with external ceramic
capacitors, tantalum capacitors and/or polymer capacitors. Using low impedance tantalum capacitors requires about 20 µF per amp
and an ESR of 250 mΩ per amp of output current. Tantalum capacitors with a combined value of 300 µF and less than 15mΩ ESR
would be adequate. This can be implemented with (3) 100 µF tantalum capacitors with an ESR less than of 40mΩ. Ceramic capacitors
are also recommended to reduce high frequency ripple on the input.
Output Considerations
To maintain the specified output ripple and transient response, external capacitors must be used. An external 1 µF ceramic capacitor in
parallel with a 10 µF low ESR tantalum capacitor will usually meet the specified performance. Improved performance can be achieved
by using more capacitance. Low ESR polymer capacitors may also be used. Two 100 µF, 9 mΩ or lower ESR capacitors are
recommended.
Safety Information
In order to comply with safety requirements the user must provide a fuse in the unearthed input line. This is to prevent earth being
disconnected in the event of a failure.
The converter must be installed as per guidelines outlined by the various safety approvals if safety agency approval is required for the
overall system. The positive input lead must be provided with a fact acting fuse with a maximum rating of 20 A (glass type, rated to
32 V).
Overtemperature Protection
The device will shut down if it becomes too hot (typically 125 °C). Once the converter cools, it automatically restarts. This feature does
not guarantee the converter won’t be damaged by temperatures above its rating.
Fig. 23 Circuit Configuration for using
Negative Logic On/Off
Fig. 24 Circuit Configuration for using
Positive On/Off


Similar Part No. - SX16A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SX16A-12SA-P BOURNS-SX16A-12SA-P Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
More results

Similar Description - SX16A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
logo
Lineage Power Corporati...
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com