Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-S300S-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-S300S-2
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-S300S-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-S300S-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-S300S-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-S300S-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-S300S-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
1 Hour (R1)
Tripped
Ihold
Itrip
Initial
Post-Trip
Max. Time
Power
Resistance
Resistance
To Trip
Dissipation
Model
Amperes
Ohms
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
Volts
Amps
Hold
Trip
Min.
Max.
Max.
Typ.
MF-S120
15
100
1.20
2.70
0.085
0.160
0.220
6
5.0
1.20
MF-S120S
15
100
1.20
2.70
0.085
0.160
0.220
6
5.0
1.20
MF-S150
15
100
1.50
3.00
0.050
0.090
0.110
8
5.0
1.30
MF-S175
15
100
1.75
3.80
0.050
0.090
0.120
9
4.0
1.50
MF-S175S
15
100
1.75
3.80
0.050
0.090
0.120
9
4.0
1.50
MF-S200
30
100
2.00
4.40
0.030
0.060
0.080
10
4.0
1.90
MF-S350
30
100
3.50
6.30
0.017
0.031
0.040
20
3.0
2.50
MF-S420
30
100
4.20
7.60
0.012
0.024
0.040
20
6.0
2.90
MF-S Series - PTC Resettable Fuses
S350
0144T
Electrical Characteristics
Features
Axial leaded
Fully compatible with current
industry standards
Weldable nickel terminals
Very low internal resistance
Agency recognition:
RoHS compliant*
Lead free
Applications
Rechargeable Battery Pack Protection
Provides overcurrent protection with
125 °C trip temperature
NOTE: Slotted lead option available on all models.
Operating/Storage Temperature ........................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85 °C, 85% R.H. 7 days ............................±5 % typical resistance change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description
Resistance ..........................................................In still air @ 23 °C ........................................Rmin ≤ R ≤ R1max
Time to Trip ........................................................At specified current, Vmax, 23 °C ..............T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E 174545S
CSA File Number ................................................CA 110338
TÜV File Number ................................................R2057213
Test Procedures And Requirements For Model MF-S Series
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-S120
1.90 / 4.28
1.70 / 3.83
1.50 / 3.38
1.20 / 2.70
1.00 / 2.25
0.90 / 2.03
0.80 / 1.80
0.70 / 1.58
0.50 / 1.13
MF-S120S
1.90 / 4.28
1.70 / 3.83
1.50 / 3.38
1.20 / 2.70
1.00 / 2.25
0.90 / 2.03
0.80 / 1.80
0.70 / 1.58
0.50 / 1.13
MF-S150
2.20 / 4.40
2.00 / 4.00
1.80 / 3.60
1.50 / 3.00
1.30 / 2.60
1.10 / 2.20
1.00 / 2.00
0.90 / 1.80
0.70 / 1.40
MF-S175
2.50 / 5.59
2.30 / 5.14
2.00 / 4.47
1.70 / 3.80
1.50 / 3.35
1.30 / 2.91
1.20 / 2.68
1.10 / 2.46
0.90 / 2.01
MF-S175S
2.50 / 5.59
2.30 / 5.14
2.00 / 4.47
1.70 / 3.80
1.50 / 3.35
1.30 / 2.91
1.20 / 2.68
1.10 / 2.46
0.90 / 2.01
MF-S200
3.20 / 7.04
2.80 / 6.16
2.50 / 5.50
2.00 / 4.40
1.70 / 3.74
1.60 / 3.52
1.40 / 3.08
1.20 / 2.64
0.90 / 1.98
MF-S350
5.40 / 9.72
4.80 / 8.64
4.30 / 7.74
3.50 / 6.30
3.00 / 5.40
2.80 / 5.04
2.50 / 4.50
2.20 / 3.96
1.70 / 3.06
MF-S420
6.40 / 11.5
5.70 / 10.3
5.10 / 9.23
4.20 / 7.60
3.60 / 6.51
3.30 / 5.97
3.00 / 5.43
2.60 / 4.70
2.10 / 3.80
TV Rheinland


Similar Part No. - MF-S300S-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-S350 BOURNS-MF-S350 Datasheet
176Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-S300S-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com