Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD1005-B00330R Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CD1005-B00330R
Description  Schottky Barrier Chip Diode Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-B00330R Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button CD1005-B00330R Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 5Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 6Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 7Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 8Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 9Page - Bourns Electronic Solutions CD1005-B00330R Datasheet HTML 10Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0140L
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
1
0.0
0.2
0.3
0.5
0.4
Forward Voltage (Volts)
0.1
0.6
0.7
10
100
125 °C 75 °C
-25 °C
25 °C
1n
10n
100n
1u
10u
100u
1m
10m
010
20
30
40
Reverse Voltage (Volts)
-25 °C
25 °C
75 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
20
8
10
12
14
16
18
6
4
2
0
010
515
20
25
30
35
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Similar Part No. - CD1005-B00330R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1005-B0520 BOURNS-CD1005-B0520 Datasheet
333Kb / 4P
   CD1005-B0520 - Surface Mount Schottky Barrier Diode
More results

Similar Description - CD1005-B00330R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD123D-B1XR BOURNS-CD123D-B1XR Datasheet
587Kb / 6P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com