Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3T-2418DH35 Datasheet(PDF) 3 Page - AIMTEC

Part # AM3T-2418DH35
Description  3 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-2418DH35 Datasheet(HTML) 3 Page - AIMTEC

  AM3T-2418DH35 Datasheet HTML 1Page - AIMTEC AM3T-2418DH35 Datasheet HTML 2Page - AIMTEC AM3T-2418DH35 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50
TO ORDER CALL 1-888-9-AIMTEC
AM3T Series
MODELS
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM3T-1203D
AM3T-1205D
AM3T-1207D
AM3T-1209D
AM3T-1212D
AM3T-1215D
AM3T-1218D
AM3T-1224D
AM3T-2403D
AM3T-2405D
AM3T-2407D
AM3T-2409D
AM3T-2412D
AM3T-2415D
AM3T-2418D
AM3T-2424D
AM3T-4803D
AM3T-4805D
AM3T-4807D
AM3T-4809D
AM3T-4812D
AM3T-4815D
AM3T-4818D
AM3T-4824D
AM3T-1203DH35
AM3T-1205DH35
AM3T-1207DH35
AM3T-1209DH35
AM3T-1212DH35
AM3T-1215DH35
AM3T-1218DH35
AM3T-1224DH35
AM3T-2403DH35
AM3T-2405DH35
AM3T-2407DH35
AM3T-2409DH35
AM3T-2412DH35
AM3T-2415DH35
AM3T-2418DH35
AM3T-2424DH35
AM3T-4803DH35
AM3T-4805DH35
AM3T-4807DH35
AM3T-4809DH35
AM3T-4812DH35
AM3T-4815DH35
AM3T-4818DH35
AM3T-4824DH35
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA


Similar Part No. - AM3T-2418DH35

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-2418DH35-VZ AIMTEC-AM3T-2418DH35-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3T-2418DH35-VZ AIMTEC-AM3T-2418DH35-VZ Datasheet
265Kb / 7P
   3 Watt | DC-DC Converter
AM3T-2418DH35Z AIMTEC-AM3T-2418DH35Z Datasheet
308Kb / 4P
   3 Watt | DC-DC Converter
AM3T-2418DH35Z AIMTEC-AM3T-2418DH35Z Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3T-2418DH35

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com