Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4TW-2403D Datasheet(PDF) 2 Page - AIMTEC

Part # AM4TW-2403D
Description  4 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-2403D Datasheet(HTML) 2 Page - AIMTEC

  AM4TW-2403D Datasheet HTML 1Page - AIMTEC AM4TW-2403D Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
VISIT US AT WWW.AIMTEC.CA
MODELS
Single output
Dual output
AM4TW Series
Models
Isolation 1500VDC
Isolation 3500VDC
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM4TW-2403S
AM4TW-2403SH35
3.3VDC
1000mA
AM4TW-2405S
AM4TW-2405SH35
5VDC
800mA
AM4TW-2407S
AM4TW-2407SH35
7.2VDC
556mA
AM4TW-2409S
AM4TW-2409SH35
9VDC - 36VDC
9VDC
444mA
AM4TW-2412S
AM4TW-2412SH35
12VDC
333mA
AM4TW-2415S
AM4TW-2415SH35
15VDC
267mA
AM4TW-2418S
AM4TW-2418SH35
18VDC
222mA
AM4TW-2424S
AM4TW-2424SH35
24VDC
167mA
AM4TW-4803S
AM4TW-4803SH35
3.3VDC
1000mA
AM4TW-4805S
AM4TW-4805SH35
5VDC
800mA
AM4TW-4807S
AM4TW-4807SH35
7.2VDC
556mA
AM4TW-4809S
AM4TW-4809SH35
18VDC - 72VDC
9VDC
444mA
AM4TW-4812S
AM4TW-4812SH35
12VDC
333mA
AM4TW-4815S
AM4TW-4815SH35
15VDC
267mA
AM4TW-4818S
AM4TW-4818SH35
18VDC
222mA
AM4TW-4824S
AM4TW-4824SH35
24VDC
167mA
Models
Isolation 1500VDC
Isolation 3500VDC
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM4TW-2403D
AM4TW-2403DH35
±3.3VDC
±500mA
AM4TW-2405D
AM4TW-2405DH35
±5VDC
±400mA
AM4TW-2407D
AM4TW-2407DH35
±7.2VDC
±278mA
AM4TW-2409D
AM4TW-2409DH35
9VDC - 36VDC
±9VDC
±222mA
AM4TW-2412D
AM4TW-2412DH35
±12VDC
±167mA
AM4TW-2415D
AM4TW-2415DH35
±15VDC
±125mA
AM4TW-2418D
AM4TW-2418DH35
±18VDC
±100mA
AM4TW-2424D
AM4TW-2424DH35
±24VDC
±84mA
AM4TW-4803D
AM4TW-4803DH35
±3.3VDC
±500mA
AM4TW-4805D
AM4TW-4805DH35
±5VDC
±400mA
AM4TW-4807D
AM4TW-4807DH35
±7.2VDC
±278mA
AM4TW-4809D
AM4TW-4809DH35
18VDC - 72VDC
±9VDC
±222mA
AM4TW-4812D
AM4TW-4812DH35
±12VDC
±167mA
AM4TW-4815D
AM4TW-4815DH35
±15VDC
±125mA
AM4TW-4818D
AM4TW-4818DH35
±18VDC
±100mA
AM4TW-4824D
AM4TW-4824DH35
±24VDC
±84mA


Similar Part No. - AM4TW-2403D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-2403D-RZ AIMTEC-AM4TW-2403D-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2403D-RZ AIMTEC-AM4TW-2403D-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2403DH35Z AIMTEC-AM4TW-2403DH35Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-2403DH35Z AIMTEC-AM4TW-2403DH35Z Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-2403DZ AIMTEC-AM4TW-2403DZ Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4TW-2403D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
AIMTEC
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com