Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3TW-4805D Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TW-4805D
Description  3 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-4805D Datasheet(HTML) 1 Page - AIMTEC

  AM3TW-4805D Datasheet HTML 1Page - AIMTEC AM3TW-4805D Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
51
VISIT US AT WWW.AIMTEC.CA
AM3TW Series
24-PIN DIP PACKAGE
LOW PROFILE METAL PACKAGE
HIGH EFFICIENCY UP TO 79%
WIDE 4:1 INPUT RANGE
INPUT/OUTPUT ISOLATION: 1500 & 3500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
CONTINUOUS SHORT CIRCUIT PROTECTION
GENERAL DESCRIPTION
Our AM3TW series is a family of cost effective 3W single and dual
output DC-DC converters. These converters combine nickel-coated
copper package in a 24-pin DIP compatible case with high perform-
ance features such as 1500 & 3500VDC input/output isolation volt-
age, continuous short circuit protection with automatic restart and
tight line / load regulation. Wide range devices operate over 4:1
input voltage range providing stable output voltage. Devices are
encapsulated using flame retardant resin. Input voltages of 24
& 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15, 18, 24,
±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC. High performance
features include high efficiency operation up to 79% and output
voltage accuracy of ±1% maximum. All models are packaged in a
low profile 31.75x20.32x10.16mm 24 pin DIP nickel-coated copper
case. Operation is specified over the full operating temperature
range of -40°C to +85°C with no derating required. Cooling is by
free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
General Specifications:
Efficiency
75% to 79%
Switching Frequency
250KHz, typ. 100% load
Input Specifications:
Voltage range
24 VDC, 9~36VDC
48 VDC, 18~72VDC
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.8x0.4 inches
Weight
21g
Case material
Nickel-Coated Copper
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (Dual Output) ±1%
Ripple & noise (at 20MHz BW)
60mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature Coefficient
±0.02%/°C, typ.
MTBF: >1 222000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500 & 3500VDC
Resistance
> 1000MOhm
Capacitance
80pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C +125ºC
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
3 watt dc-dc converters
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1500VDC
Single
Dual
+V Input
N.C.
N.C.
Omitted
-V Output
+V Output
-V Input
+V Output
-V Output
Omitted
N.C.
N.C.
+V Input
+V Input
-V Output
Common
Omitted
Common
+V Output
-V Input
+V Output
Common
Omitted
Common
-V Output
+V Input
Omitted
-V Input
-V Input
N.C.
Omitted
N.C.
Omitted
+V Output
Omitted
-V Output
+V Input
+V Input
Omitted
Omitted
-V Input
-V Input
Common
Omitted
-V Output
Omitted
+V Output
Omitted
Common
+V Input
+V Input
Omitted
1
2
3
9
10
11
12/13
14
15
16
22
23
24
3500VDC
Single
Dual
Continued on next page


Similar Part No. - AM3TW-4805D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-4805D-RVZ AIMTEC-AM3TW-4805D-RVZ Datasheet
217Kb / 4P
   3 Watt | DC-DC Converter
AM3TW-4805D-RZ AIMTEC-AM3TW-4805D-RZ Datasheet
226Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-4805D-RZ AIMTEC-AM3TW-4805D-RZ Datasheet
226Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-4805D-VZ AIMTEC-AM3TW-4805D-VZ Datasheet
175Kb / 4P
   3 Watt | DC-DC Converter
AM3TW-4805DH35-VZ AIMTEC-AM3TW-4805DH35-VZ Datasheet
175Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3TW-4805D

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com