Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DAD-C5R Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 2DAD-C5R
Description  Integrated Passive & Active Device using CSP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DAD-C5R Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  2DAD-C5R Datasheet HTML 1Page - Bourns Electronic Solutions 2DAD-C5R Datasheet HTML 2Page - Bourns Electronic Solutions 2DAD-C5R Datasheet HTML 3Page - Bourns Electronic Solutions 2DAD-C5R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2DAD-C5R - Integrated Passive & Active Device using CSP
The pin-out for the device is shown below with the bumps facing up.
Device Pin Out
The surface mount product is packaged in an 8 mm x 4 mm Tape and Reel format per EIA-481 standard.
Packaging
12
3
GND
EXT2
C
B
A
EXT1
EXT3
EXT4
2.0 ± 0.05
(.08 ± .002)
0.3 ± 0.05
(.01 ± .002)
1.18 ± 0.1
(.05 ± .004)
1.52 ± 0.1
(.06 ± .004)
1.75 ± 0.1
(.07 ± .004)
3.5 ± 0.05
(.14 ± .002)
8.0 ± 0.3
(.31 ± .01)
0.76 ± 0.1
(.03 ± .004)
ORIENTATION
OF COMPONENT
IN POCKET
BACKSIDE FACING UP
TOP SIDE VIEW
(INTO COMPONENT POCKET)
0.3
(0.01)
4.0 ± 0.1
(.16 ± .004)
4.0 ± 0.1
(.16 ± .004)
0.25
(0.010)
TYP.
R
1.5 ± 0.1/-0
(.06 ± .004/-0)
DIA.
MAX.
R
Pin Out
Function
Pin Out
Function
A1
EXT1
A3
EXT4
C1
EXT2
C3
EXT3
B2
GND
DIMENSIONS =
MILLIMETERS
(INCHES)
Asia-Pacific:
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe:
TEL +41-41 768 5555 • FAX +41-41 768 5510
The Americas:
TEL +1-951 781-5492 • FAX +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
COPYRIGHT© 2004, BOURNS, INC. LITHO IN U.S.A. 06/05 e/IPA0507
2DAD-C5R REV. B, 1/05


Similar Part No. - 2DAD-C5R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1201Y DIODES-2DA1201Y Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201Y-7 DIODES-2DA1201Y-7 Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201Y-7 DIODES-2DA1201Y-7 Datasheet
393Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201YQTC DIODES-2DA1201YQTC Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201YQTC DIODES-2DA1201YQTC Datasheet
393Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
More results

Similar Description - 2DAD-C5R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2FAK-C15R BOURNS-2FAK-C15R Datasheet
226Kb / 4P
   Integrated Passive & Active Device using CSP
2FAG-C15R BOURNS-2FAG-C15R Datasheet
249Kb / 4P
   Integrated Passive & Active Device using CSP
2FAN-C5R BOURNS-2FAN-C5R Datasheet
248Kb / 4P
   Integrated Passive & Active Device using CSP
2FAD-C20R BOURNS-2FAD-C20R Datasheet
247Kb / 4P
   Integrated Passive & Active Device using CSP
2FAM-C5R BOURNS-2FAM-C5R Datasheet
243Kb / 4P
   Integrated Passive & Active Device using CSP
2FAH-C20R BOURNS-2FAH-C20R Datasheet
226Kb / 4P
   Integrated Passive & Active Device using CSP
2FAE-C15R BOURNS-2FAE-C15R Datasheet
226Kb / 4P
   Integrated Passive & Active Device using CSP
2DAC-C16R BOURNS-2DAC-C16R Datasheet
240Kb / 4P
   Integrated Passive & Active Device using CSP
2FAI-M16R BOURNS-2FAI-M16R Datasheet
285Kb / 4P
   Integrated Passive & Active Device using MLP
2FAB-M20R BOURNS-2FAB-M20R Datasheet
298Kb / 4P
   Integrated Passive & Active Device using MLP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com