Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752BTPTREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 3 Page - Texas Instruments

  TL16C752BTPTREP Datasheet HTML 1Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 2Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 3Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 4Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 5Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
D0–D4
D5–D7
44–48,
1–3
I/O
Data bus (bidirectional). These pins are the eight bit, 3-state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive serial data stream.
DSRA,
DSRB
39, 20
I
Data set ready (active low). These inputs are associated with individual UART channels A and B. A logic low on
these pins indicates the modem or data set is powered on and is ready for data exchange with the UART. The state
of these inputs is reflected in the modem status register (MSR)
DTRA,
DTRB
34, 35
O
Data terminal ready (active low). These outputs are associated with individual UART channels A and B. A logic
low on these pins indicates that the TL16C752B-EP is powered on and ready. These pins can be controlled through
the modem control register. Writing a 1 to MCR bit 0 sets the DTR output to low, enabling the modem. The output
of these pins is high after writing a 0 to MCR bit 0, or after a reset.
GND
17
Pw
r
Signal and power ground
INTA,
INTB
30, 29
O
Interrupt A and B (active high). These pins provide individual channel interrupts, INT A and B. INT A and B are
enabled when MCR bit 3 is set to a logic 1, interrupt sources are enabled in the interrupt enable register (IER).
Interrupt conditions include: receiver errors, available receiver buffer data, available transmit buffer space or when
a modem status flag is detected. INTA–B are in the high-impedance state after reset.
IOR
19
I
Read input (active low strobe). A high-to-low transition on IOR loads the contents of an internal register defined
by address bits A0–A2 onto the TL16C752B-EP data bus (D0–D7) for access by an external CPU.
IOW
15
I
Write input (active low strobe). A low to high transition on IOW transfers the contents of the data bus (D0–D7) from
the external CPU to an internal register that is defined by address bits A0–A2 and CSA and CSB
OPA, OPB
32, 9
0
User defined outputs. This function is associated with individual channels A and B. The state of these pins is defined
by the user through the software settings of the MCR register, bit 3. INTA–B are set to active mode and OP to a
logic 0 when the MCR–3 is set to a logic 1. INTA–B are set to the 3-state mode and OP to a logic 1 when MCR-3
is set to a logic 0. See bit 3, modem control register (MCR bit 3). The output of these two pins is high after reset.
RESET
36
I
Reset. RESET resets the internal registers and all the outputs. The UART transmitter output and the receiver input
is disabled during reset time. See TL16C752B-EP external reset conditions for initialization details. RESET is an
active-high input.
RIA, RIB
41, 21
I
Ring indicator (active low). These inputs are associated with individual UART channels A and B. A logic low on
these pins indicates the modem has received a ringing signal from the telephone line. A low to high transition on
these input pins generates a modem status interrupt, if enabled. The state of these inputs is reflected in the modem
status register (MSR)
RTSA,
RTSB
33, 22
O
Request to send (active low). These outputs are associated with individual UART channels A and B. A low on the
RTS pin indicates the transmitter has data ready and waiting to send. Writing a 1 in the modem control register
(MCR bit 1) sets these pins to low, indicating data is available. After a reset, these pins are set to high. These pins
only affect the transmit and receive operation when auto RTS function is enabled through the enhanced feature
register (EFR) bit 6, for hardware flow control operation.
RXA, RXB
5, 4
I
Receive data input. These inputs are associated with individual serial channel data to the TL16C752B-EP. During
the local loopback mode, these RX input pins are disabled and TX data is internally connected to the UART RX
input internally.
RXRDYA,
RXRDYB
31, 18
O
Receive ready (active low). RXRDY A and B goes low when the trigger level has been reached or a timeout interrupt
occurs. They go high when the RX FIFO is empty or there is an error in RX FIFO.
TXA, TXB
7, 8
O
Transmit data. These outputs are associated with individual serial transmit channel data from the TL16C752B-EP.
During the local loopback mode, the TX input pin is disabled and TX data is internally connected to the UART RX
input.
TXRDYA,
TXRDYB
43, 6
O
Transmit ready (active low). TXRDY A and B go low when there are at least a trigger level numbers of spaces
available. They go high when the TX buffer is full.
VCC
42
I
Power supply inputs.
XTAL1
13
I
Crystal or external clock input. XTAL1 functions as a crystal input or as an external clock input. A crystal can be
connected between XTAL1 and XTAL2 to form an internal oscillator circuit (see Figure 10). Alternatively, an external
clock can be connected to XTAL1 to provide custom data rates.
XTAL2
14
O
Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is used as a crystal oscillator output or
buffered a clock output.


Similar Part No. - TL16C752BTPTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI1-TL16C752B-EP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752BPT TI-TL16C752BPT Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTG4 TI-TL16C752BPTG4 Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752BTPTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com