Electronic Components Datasheet Search |
|
NSE10DH1211 Datasheet(PDF) 7 Page - ITT Industries |
|
NSE10DH1211 Datasheet(HTML) 7 Page - ITT Industries |
7 / 8 page C Dimensions are shown: mm (inch) Dimensions subject to change www.ittcannon.com 7 NSE16 Series Navigation Switch Encoders NOTE: Specifications listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Features/Benefits • Select switch • Long life • Self clinching terminals • Positive detent feeling Typical Applications • Audio / Video equipment • White goods equipment Electrical MAXIMUM VOLTAGE: 5 VDC. MAXIMUM CURRENT DC: 0,5 mA DIELECTRIC STRENGTH: 50 VAC. INSULATION RESISTANCE: 10 M Ω. BOUNCE TIME: ≤ 2 ms Environmental OPERATING TEMPERATURE: -25˚C to +80˚C. STORAGE TEMPERATURE: -40˚C to +85˚C. Process SOLDERING PROCESS: Manual soldering 300˚C max., 3s max. Wave soldering 260˚C max., 3s max. No cleaning. Mechanical NUMBER OF DETENT: 24 DETENT TORQUE: 1 - 10 mN.m ROTATIONAL ANGLE: 360˚ endless. ROTATIONAL LIFE: 50,000 cycles (1 cycle: 360˚ CW + 360˚ CCW). Construction FUNCTION: Incremental signal. CONTACT ARRANGEMENT: Phase difference output of two signal A and B. TERMINAL: PC pin. Number Number Select of Pulse of Detent Height Function Designation 24 24 26,5 mm No NSE16DV2426 24 24 31,5 mm No NSE16DV2431 How To Order Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired option from each category and place it in the appropriate box. Detent D With detent N S E D 4 2 Pulse Number 24 24 Total Height 26 26,5 mm 31 31,5 mm 1 6 Appearance Type V Vertical axis V |
Similar Part No. - NSE10DH1211 |
|
Similar Description - NSE10DH1211 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |