Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-0505D-N Datasheet(PDF) 4 Page - AIMTEC

Part # AM1L-0505D-N
Description  0.25 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0505D-N Datasheet(HTML) 4 Page - AIMTEC

  AM1L-0505D-N Datasheet HTML 1Page - AIMTEC AM1L-0505D-N Datasheet HTML 2Page - AIMTEC AM1L-0505D-N Datasheet HTML 3Page - AIMTEC AM1L-0505D-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/4L-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
FOR SINGLE & DUAL @ 3000VDC
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
N.C.
N.C.
5
-V Output
Common
6
N.C.
-V Output
7
N.C.
N.C.
8
+V Output
+V Output
10
N.C.
N.C.
11
N.C.
N.C.
12
N.C.
N.C.
TYPICAL CHARACTERISTICS
APPLICATION NOTE
SINGLE OUTPUT MODELS
DUAL OUTPUT MODELS
General Application
In regular circuits, our company’s DC/DC converters may be used directly without any peripheral components (see Figure
2). The basic input/output isolation may be used to provide a group of simple isolated polar output power supplies or to
generate power supply lines of different voltages.
Voltage And Polarity Inversion
A key performance of this DC/DC converter is high electric isolation capability. Thus, only one DC/DC converter may allow
for several potential differences in the layout of circuit board. If necessary, you may connect the output end of the positive
to input ground, then the negative output end will generate a negative voltage (see Figure 1).
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and
input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might arise. For every channel of output provided the safe and reliable operation
is ensured, the greatest capacitance of its filtering capacitor sees the External Capacitor Table. To get an extremely low
ripple, a “LC” filter network may be connected to the input and output ends of the DC/DC converter, which may produce
a more significant filtering effect. It should also be noted that the inductance and the frequency of the “LC” filter network
should be staggered with the DC/DC frequency to avoid mutual interference (see Figure 3).
Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in
addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not
exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated
under no load!!! If the actual output power is very small, please connect a resistor with proper resistance at the output end
in parallel to increase the load.
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and short-
circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the
circuits.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage stabilizer with
overheat protection that is connected to the input or output end in series (see Figure 4).
Product Reliability
The MTBF is the mean time between failures under full load. If the actual load is less than 20% of the rated load or greater
than the rated load, then this productís reliability will be greatly reduced.
Input Polarity Protection
Under normal conditions, this productís input circuit has no protection against polarity inversion; the solution is to connect
a diode in series at the input.
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm
(Tolerance:±0.25); All dimensions in mm.


Similar Part No. - AM1L-0505D-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0505D-N ETC-AM1L-0505D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0505D-N AIMTEC-AM1L-0505D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0505D-N AIMTEC-AM1L-0505D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-0505D-NZ AIMTEC-AM1L-0505D-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-0505D-NZTR AIMTEC-AM1L-0505D-NZTR Datasheet
365Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-0505D-N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com