Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19U200PG6K Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 19U200PG6K
Description  Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

19U200PG6K Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  19U200PG6K Datasheet HTML 1Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 2Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 3Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 4Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 5Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 6Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 7Page - Honeywell Solid State Electronics Center 19U200PG6K Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pressure Sensors
Low-Cost, Stainless Steel, Isolated Sensors
19 mm Series
Sensing and Control
FEATURES
• Low cost
• Rugged, isolated stainless
steel package
• Small size
• Reliable semiconductor
technology
• Calibrated and
temperature compensated
• Absolute and gage
pressures
• Vacuum compatible,
isolated sensors
• 0 psi to 3 psi to, 0 psi to
500 psi
TYPICAL APPLICATIONS
• Industrial controls
• Process control systems
• Industrial automation and
flow control
• Pressure calibrators
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
Honeywell’s stainless steel 19C, 19U, and 19 Vacuum Gage Series
sensors were developed for pressure applications that involve measurement
of hostile media in harsh environments compatible with 316 stainless steel.
The special Vacuum Gage Series sensors are specifically designed for
applications that can be exposed to vacuum.
The 19C Series are calibrated and temperature compensated. They are
available for use with either a constant voltage or current source. They
feature a variety of pressure connections to allow use in a wide range of
OEM (Original Equipment Manufacturer) equipment. The 19U Series is
uncompensated for applications that use their own specialized circuit
designs.
The 19C and 19U Series sensors are rugged and reliable transducers for
use in a wide variety of pressure sensing applications where corrosive
liquids or gases are monitored.
19C, 19U, AND 19 VACUUM GAGE EQUIVALENT CIRCUIT
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is provided
in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.


Similar Description - 19U200PG6K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Honeywell Solid State E...
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com