Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2700 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMS-2700
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2700 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMS-2700 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2700 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings, T
A= 25ºC
Symbol
Parameter
Unit
Absolute Maximum[1]
HSMS-2700/-2702
HSMS-270B/-270C
I
F
DC Forward Current
mA
350
750
I
F- peak
Peak Surge Current (1
µs pulse)
A
1.0
1.0
P
T
Total Power Dissipation
mW
250
825
P
INV
Peak Inverse Voltage
V
15
15
T
J
Junction Temperature
°C
150
150
T
STG
Storage Temperature
°C
-65 to 150
-65 to 150
θ
JC
Thermal Resistance, junction to lead
°C/W
500
150
Note:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
RS
0.08 pF
SPICE model
2 nH
Linear and Non-linear SPICE Model
SPICE Parameters
Parameter
Unit
Value
BV
V
25
CJO
pF
6.7
EG
eV
0.55
IBV
A
10E-4
IS
A
1.4E-7
N
1.04
RS
0.65
PB
V
0.6
PT
2
M
0.5


Similar Part No. - HSMS-2700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode
HSMS-2700 AVAGO-HSMS-2700_15 Datasheet
150Kb / 9P
   High Performance Schottky Diode
More results

Similar Description - HSMS-2700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com