Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2S-0515S Datasheet(PDF) 2 Page - AIMTEC

Part # AM2S-0515S
Description  2 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2S-0515S Datasheet(HTML) 2 Page - AIMTEC

  AM2S-0515S Datasheet HTML 1Page - AIMTEC AM2S-0515S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM2S-0503S
AM2S-0505S
AM2S-0507S
AM2S-0509S
AM2S-0512S
AM2S-0515S
AM2S-0518S
AM2S-0524S
AM2S-1203S
AM2S-1205S
AM2S-1207S
AM2S-1209S
AM2S-1212S
AM2S-1215S
AM2S-1218S
AM2S-1224S
AM2S-2403S
AM2S-2405S
AM2S-2407S
AM2S-2409S
AM2S-2412S
AM2S-2415S
AM2S-2418S
AM2S-2424S
AM2S-0503SH30
AM2S-0505SH30
AM2S-0507SH30
AM2S-0509SH30
AM2S-0512SH30
AM2S-0515SH30
AM2S-0518SH30
AM2S-0524SH30
AM2S-1203SH30
AM2S-1205SH30
AM2S-1207SH30
AM2S-1209SH30
AM2S-1212SH30
AM2S-1215SH30
AM2S-1218SH30
AM2S-1224SH30
AM2S-2403SH30
AM2S-2405SH30
AM2S-2407SH30
AM2S-2409SH30
AM2S-2412SH30
AM2S-2415SH30
AM2S-2418SH30
AM2S-2424SH30
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
400mA
400mA
278mA
222mA
167mA
133mA
111mA
83mA
400mA
400mA
278mA
222mA
167mA
133mA
111mA
83mA
400mA
400mA
278mA
222mA
167mA
133mA
111mA
83mA
AM2S Series
5V±10%
12V±10%
24V±10%


Similar Part No. - AM2S-0515S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2S-0515SH30Z AIMTEC-AM2S-0515SH30Z Datasheet
487Kb / 3P
   2 Watt | DC-DC Converter
AM2S-0515SH30Z AIMTEC-AM2S-0515SH30Z Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2S-0515SZ AIMTEC-AM2S-0515SZ Datasheet
487Kb / 3P
   2 Watt | DC-DC Converter
AM2S-0515SZ AIMTEC-AM2S-0515SZ Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2S-0515S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com