Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW1818-760-NC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FW1818-760-NC
Description  18 Watt AC Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FW1818-760-NC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FW1818-760-NC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FW18 series
18 Watt AC Adapter
Electrical Specifications
Input
Voltage................................100 - 240 VAC
Current................................ 0.5 Amp @ 100 VAC
Frequency........................... 47 - 63 Hz
AC cord.............................. Optional
Input connector................... 3 Pin IEC 320 input receptacle
Output
Line regulation.................... TYP +/- 1%
Load regulation................... TYP +/- 5%
Set point.............................. +/- 3% at 60% load
Hold up time........................ 20 ms min at full load, 115 VAC
Over voltage protection....... Built-in
Over current protection....... Built-in
Short circuit protection........ Pulsing mode, auto recovery
Efficiency............................. 80% nominal at full load and
115 VAC (12 VDC and higher)
Transient response............. 2 ms for 50% load change typical
Ripple/noise (Vp-p)............... +/- 1% (20 MHz bandwidth)
Output connector................ Barrel type (5.5 x 2.5 x 9.5 mm)
Model No.
Voltage Power Current
FW1805-760-NC
5V
15W
3.00A
FW1812-760-NC
12V
18W
1.50A
FW1818-760-NC
18V
18W
1.00A
FW1824-760-NC
24V
18W
0.75A
Features
Wide range AC input
Fully regulated output
High efficiency
5 year warranty
Environmental
Operating temperature.......... 0 C to 40 C
Storage temperature............. -55 C to 85 C
Weight = 0.7 lbs
EMI
Meets FCC class B, CISPR 22 class B
Safety
UL
UL1950
cUL
CSA 22.2 NO. 950
Nemko
EN 60950
CE
Marked
Polarity
Elpac Power Supplies 1562 Reynolds Ave. Irvine, CA 92614 USA TEL +1 949-476-6070 www.elpac.com info@elpac.com
COM
+V
Rev 0404
1.97 [50.0 mm]
1.30 [33.0 mm]
3.35 [85.0 mm]


Similar Part No. - FW1818-760-NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW100 ETC1-FW100 Datasheet
80Kb / 1P
   96 Watt AC Adapter
FW10012-D5 ETC1-FW10012-D5 Datasheet
80Kb / 1P
   96 Watt AC Adapter
FW10024-D5 ETC1-FW10024-D5 Datasheet
80Kb / 1P
   96 Watt AC Adapter
logo
Sanyo Semicon Device
FW103 SANYO-FW103 Datasheet
45Kb / 3P
   Ultrahigh-Speed Switching Applications
logo
Bourns Electronic Solut...
FW10A BOURNS-FW10A Datasheet
598Kb / 4P
   Fusible Power Resistors
More results

Similar Description - FW1818-760-NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W40 ETC1-W40 Datasheet
125Kb / 1P
   50 Watt AC Adapter
FW50 ETC1-FW50 Datasheet
57Kb / 1P
   50 Watt AC Adapter
FW100 ETC1-FW100 Datasheet
80Kb / 1P
   96 Watt AC Adapter
FW72 ETC1-FW72 Datasheet
66Kb / 1P
   72 Watt AC Adapter
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW7212-D5 ETC2-FW7212-D5 Datasheet
82Kb / 1P
   72 Watt AC Adapter
logo
Phihong USA Inc.
PSA18U-033 PHIHONG-PSA18U-033 Datasheet
89Kb / 2P
   18 Watt Universal Switching Adapter
logo
Bothhand USA, LP.
M2-12US05 BOTHHAND-M2-12US05 Datasheet
498Kb / 2P
   12-18 Watt Switching Adapter
logo
ETA-USA
MTE175-ZZSX-F-W6 ETA-USA-MTE175-ZZSX-F-W6 Datasheet
1Mb / 4P
   175 Watt AC/DC Medical Adapter
logo
Phihong USA Inc.
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com