Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85C220 Datasheet(PDF) 9 Page - Intel Corporation

Part # 85C220
Description  FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

85C220 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 85C220 Datasheet HTML 5Page - Intel Corporation 85C220 Datasheet HTML 6Page - Intel Corporation 85C220 Datasheet HTML 7Page - Intel Corporation 85C220 Datasheet HTML 8Page - Intel Corporation 85C220 Datasheet HTML 9Page - Intel Corporation 85C220 Datasheet HTML 10Page - Intel Corporation 85C220 Datasheet HTML 11Page - Intel Corporation 85C220 Datasheet HTML 12Page - Intel Corporation 85C220 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image


Similar Part No. - 85C220

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
   Weldable and Threaded Process Fittings
logo
Vishay Siliconix
85C15 VISHAY-85C15 Datasheet
108Kb / 6P
   Zener Diodes
01-Jan-2022
logo
ATMEL Corporation
85C51SND3B1 ATMEL-85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
85C51SND3B1N-7FTUL ATMEL-85C51SND3B1N-7FTUL Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
85C51SND3B1N-RTTUL ATMEL-85C51SND3B1N-RTTUL Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
More results

Similar Description - 85C220

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5C032 INTEL-5C032 Datasheet
674Kb / 13P
   8-MACROCELL CMOS PLD
logo
Texas Instruments
SN65LVDM320 TI-SN65LVDM320 Datasheet
435Kb / 32P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL 8-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Registered Transceiver
logo
STMicroelectronics
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
74F524 FAIRCHILD-74F524 Datasheet
74Kb / 9P
   8-Bit Registered Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com