Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4695EUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4695EUB
Description  Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4695EUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4695EUB Datasheet HTML 3Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 9Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 10Page - Maxim Integrated Products MAX4695EUB Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low-Voltage, 60
Ω Dual
SPDT Analog Switch in Thin QFN
_______________________________________________________________________________________
7
Detailed Description
The MAX4695 is a low-voltage, dual single-pole/dou-
ble-throw (SPDT) analog switch that operates from a
single +1.8V to +5.5V supply. When powered from a
+2.7V supply, the device has a 60
Ω (max) on-resis-
tance (RON), with 3
Ω (max) RON matching and 10Ω
(max) RON flatness. The digital logic inputs are 1.8V-
logic compatible from a +2.7V to +3.3V supply.
Applications Information
Digital Control Inputs
The MAX4695 logic inputs are 1.8V CMOS logic com-
patible for 3V operation and TTL compatible for 5V
operation of V+. Driving IN_ rail-to-rail minimizes power
consumption.
Analog Signal Levels
Analog signals that range over the entire supply volt-
age (V+ to GND) are passed with very little change in
on-resistance (see Typical Operating Characteristics).
The switches are bidirectional, so the NO_, NC_, and
COM_ pins can be either inputs or outputs.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond the listed ratings
may cause permanent damage to devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current limited. If this sequencing is not possible, and if
the analog inputs are not current limited to <20mA, add
a small signal diode (D1) as shown in Figure 1. If the
analog signal can dip below GND, add D2. Adding
protection diodes reduces the analog range to a diode
drop (about 0.7V) below V+ (for D1), and a diode drop
above ground (for D2). On-resistance increases slightly
at low supply voltages. Maximum supply voltage (V+)
must not exceed +6V.
Adding protection diode D2 causes the logic threshold
to be shifted relative to GND. TTL compatibility is not
guaranteed when D2 is added.
Protection diodes D1 and D2 also protect against some
overvoltage situations. In the circuit in Figure 1, if the
supply voltage is below the absolute maximum rating,
and if a fault voltage up to the absolute maximum rating
is applied to an analog signal pin, no damage will result.
POSITIVE SUPPLY
COM
NO
D2
D1
GND
Vg
V+
MAX4695
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
Pin Description
PIN
µMAX
TQFN
NAME
FUNCTION
1
12
IN1
Digital Control Input Switch 1
2
1
NO1
Analog Switch 1—Normally Open Terminal
3
2
GND
Ground
4
3
NO2
Analog Switch 2—Normally Open Terminal
5
4
IN2
Digital Control Input Switch 2
6
5
COM2
Analog Switch 2—Common Terminal
6, 10
N.C.
No Connection. Not internally connected.
7
7
NC2
Analog Switch 2—Normally Closed Terminal
8
8
V+
Positive Supply Voltage Input
9
9
NC1
Analog Switch 1—Normally Closed Terminal
10
11
COM1
Analog Common Switch 1


Similar Part No. - MAX4695EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX469 MAXIM-MAX469 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4690 MAXIM-MAX4690 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CAE MAXIM-MAX4690CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CPE MAXIM-MAX4690CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4690CWE MAXIM-MAX4690CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4695EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com