Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19588 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19588
Description  High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19588 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19588 Datasheet HTML 1Page - Maxim Integrated Products MAX19588 Datasheet HTML 2Page - Maxim Integrated Products MAX19588 Datasheet HTML 3Page - Maxim Integrated Products MAX19588 Datasheet HTML 4Page - Maxim Integrated Products MAX19588 Datasheet HTML 5Page - Maxim Integrated Products MAX19588 Datasheet HTML 6Page - Maxim Integrated Products MAX19588 Datasheet HTML 7Page - Maxim Integrated Products MAX19588 Datasheet HTML 8Page - Maxim Integrated Products MAX19588 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
High-Dynamic-Range, 16-Bit,
100Msps ADC with -82dBFS Noise Floor
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = AVDDA = 3.3V, DVDD = 1.8V, AGND = DGND = 0, internal reference, INP and INN driven differentially, CLKP and CLKN driven
differentially, CL = 5pF at digital outputs (D0–D15, DOR), CL = 15pF for DAV, fCLK = 100MHz, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 10MHz, AIN = -2dBFS
79
fIN = 70MHz, AIN = -2dBFS, TA = +25
°C
75
77.1
fIN = 70MHz, AIN = -2dBFS
73.5
77.1
fIN = 105MHz, AIN = -2dBFS
77.1
fIN = 130MHz, AIN = -2dBFS
75.8
Signal-to-Noise Plus Distortion
(Note 2)
SINAD
fIN = 168MHz, AIN = -2dBFS
70.8
dB
fIN = 10MHz, AIN = -2dBFS
93.2
fIN = 70MHz, AIN = -2dBFS, TA = +25
°C
79.6
82.1
fIN = 70MHz, AIN = -2dBFS
79.3
82.1
fIN = 105MHz, AIN = -2dBFS
86.6
fIN = 130MHz, AIN = -2dBFS
82.3
Spurious-Free Dynamic Range
(Worst Harmonic, 2nd and 3rd)
SFDR1
fIN = 168MHz, AIN = -2dBFS
75.4
dBc
fIN = 10MHz, AIN = -2dBFS
102.5
fIN = 70MHz, AIN = -2dBFS, TA = +25
°C
90.4
97.7
fIN = 70MHz, AIN = -2dBFS
85
97.7
fIN = 105MHz, AIN = -2dBFS
94.2
fIN = 130MHz, AIN = -2dBFS
94.1
Spurious-Free Dynamic Range
(Worst Harmonic, 4th and Higher)
(Note 2)
SFDR2
fIN = 168MHz, AIN = -2dBFS
91.5
dBc
fIN = 10MHz, AIN = -2dBFS
-94.3
fIN = 70MHz, AIN = -2dBFS, TA = +25
°C
-93
-83
fIN = 70MHz, AIN = -2dBFS
-93
-78.3
fIN = 105MHz, AIN = -2dBFS
-88
fIN = 130MHz, AIN = -2dBFS
-82.3
Second-Order Harmonic
Distortion
HD2
fIN = 168MHz, AIN = -2dBFS
-77.6
dBc
fIN = 10MHz, AIN = -2dBFS
-94.3
fIN = 70MHz, AIN = -2dBFS, TA = +25
°C
-82.1
-79.6
fIN = 70MHz, AIN = -2dBFS
-82.1
-79.3
fIN = 105MHz, AIN = -2dBFS
-87.4
fIN = 130MHz, AIN = -2dBFS
-92.5
Third-Order Harmonic Distortion
HD3
fIN = 168MHz, AIN = -2dBFS
-75.4
dBc
Third-Order Intermodulation
Distortion
IM3
fIN1 = 65.1MHz, AIN1 = -8dBFS
fIN2 = 70.1MHz, AIN2 = -8dBFS
-87.7
dBc
Two-Tone SFDR
TTSFDR
fIN1 = 65.1MHz, fIN2 = 70.1MHz, -100dBFS
< AIN < -10dBFS
98
dBFS
CONVERSION RATE
Maximum Conversion Rate
fCLKMAX
100
MHz
Minimum Conversion Rate
fCLKMIN
20
MHz
Aperture Jitter
tJ
85
fsRMS


Similar Part No. - MAX19588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19586ETN MAXIM-MAX19586ETN Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX1958ETP MAXIM-MAX1958ETP Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results

Similar Description - MAX19588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com