Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4002BRUZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4002BRUZ-RL
Description  Phase Detector/Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002BRUZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4002BRUZ-RL Datasheet HTML 2Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 3Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 4Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADF4002
Rev. 0 | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RSET
CP
CPGND
AGND
MUXOUT
LE
DATA
CLK
CE
DGND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RFINB
RFINA
AVDD
REFIN
VP
DVDD
ADF4002
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. TSSOP (Top View)
15 MUXOUT
14 LE
13 DATA
12 CLK
CPGND 1
AGND 2
AGND 3
11 CE
4
5
RFINB
RFINA
PIN 1
INDICATOR
ADF4002
TOP VIEW
(Not to Scale)
Figure 4. LFCSP_VQ (Top View)
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP_VQ
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
Where RSET = 5.1 kΩ and ICP MAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter that, in turn, drives
the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the RF input.
5
4
RFINB
Complementary Input to the RF Input. This point must be decoupled to the ground plane with a small
bypass capacitor, typically 100 pF. See Figure 12.
6
5
RFINA
Input to the RF Input. This small signal input is ac-coupled to the external VCO.
7
6, 7
AVDD
Analog Power Supply. This can range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to the AVDD pin. AVDD must be the same value as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 11. This input can be driven from a TTL or CMOS crystal oscillator or it
can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into
three-state mode. Taking this pin high powers up the device, depending on the status of the Power-
Down Bit F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS
input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB-first with the two LSBs being the control bits. This
input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one
of the four latches; the latch is selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference frequency
to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This can range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it
can be set to 5.5 V and used to drive a VCO with a tuning range of up to 5 V.


Similar Part No. - ADF4002BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
More results

Similar Description - ADF4002BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com