Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-10J120 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRAH-10J120
Description  NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-10J120 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRAH-10J120 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-10J120 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-10J120 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-10J120 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-10J120 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-10J120 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.5 V Input
0.9 V-1.65 V/10 A Output
Non-Isolated
Remote On/Off
Low profile package (7.82 mm)
Short circuit protection
Fixed frequency (300 kHz)
Over current protection
Under-voltage lockout (UVLO)
Trim Function
Description
The Bel xRAH-10Jxx0 is part of the low cost non-isolated dc/dc power converter series. The modules use a
SMD or SIP package for ease of layout and space savings. The output is closely regulated and the efficiency of
1.5 V output is typically 88% at full load. Typical features include remote on/off, input under voltage lockout,
over current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
1.5 V
2.5 V
10 A
15 W
88%
SRAH-10J150
VRAH-10J150
1.2 V
2.5 V
10 A
12 W
83%
SRAH-10J120
VRAH-10J120
1.0 V
2.5 V
10 A
10 W
80%
SRAH-10J100
VRAH-10J100
Note:
Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
6 V
Output Enable Terminal Voltage
-0.3 V
-
7 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.25 V
2.5 V
2.75 V
Input Current (no load)
-
75 mA
-
Input Current (full load)
Vo=1.5 V
Vo=1.2 V
Vo=1.0 V
-
-
-
6.8 A
5.6 A
4.9 A
-
-
-
Remote Off Input Current
-
4 mA
8 mA
Input Reflected Ripple Current (pk-pk)
-
80 mA
150 mA
Input Reflected Ripple Current (rms)
-
25 mA
50 mA
Tested with simulated source
impedance of 500 nH, 5 Hz to
20 MHz; with a 270 uF/16 V
with ESR=0.018 ohm max, at
100 kHz at 25
°C
I
2t Inrush Current Transient
-
0.04 A
2s
0.10 A
2s
Turn on Voltage Threshold
2 V
2.1 V
2.15 V
Turn off Voltage Threshold
1.8 V
2 V
2.15 V
xRAH-10J Series


Similar Part No. - VRAH-10J120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-10J120 BEL-VRAH-10J120 Datasheet
239Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
VRAH-10J120 BEL-VRAH-10J120 Datasheet
244Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRAH-10J120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
VRBA-06A1AX BEL-VRBA-06A1AX Datasheet
176Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 0.75 V-6.0 V/6 A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com