Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRAH-03F1A0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRAH-03F1A0
Description  NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAH-03F1A0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRAH-03F1A0 Datasheet HTML 1Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 2Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 3Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 4Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 5Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 6Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 7Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 8Page - Bel Fuse Inc. VRAH-03F1A0 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.9 Vdc - 3.3 Vdc/3 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
I
2t Inrush Current Transient
-
0.004 A
2s
0.008 A
2s
Turn on Voltage Threshold
-
-
2.9 V
Turn off Voltage Threshold
2.2 V
2.4 V
-
Only for 0.9 V-1.8 V output modules.
Note: All specifications are typical at nominal input (5 V), full load at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
3.217 V
2.437 V
1.755 V
1.462 V
1.170 V
0.877 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
0.9 V
3.383 V
2.563 V
1.845 V
1.538 V
1.230 V
0.923 V
Test conditions:
Vin=5 V, Io=50% full
load
Line Regulation
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
-
10 mV
8 mV
6 mV
5 mV
4 mV
3mV
20 mV
16 mV
12 mV
10 mV
8 mV
6mV
Load Regulation
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
-
17 mV
13 mV
9 mV
8mV
6 mV
5mV
33 mV
25 mV
18 mV
15 mV
12 mV
9mV
Regulation Over Temperature(-40
°C to +85 °C)
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
-
72 mV
54 mV
39 mV
32 mV
26 mV
19 mV
97 mV
72 mV
52 mV
43 mV
40 mV
40 mV
Output Current
0 A
-
3 A
Current Limit Threshold
5 A
-
12 A
Short Circuit Surge Transient
-
0.022 A
2s
0.044 A
2s
Ripple and Noise (rms)
VO=1.2 V-3.3 V
VO=0.9 V
-
-
15 mV
10 mV
25 mV
20 mV
Ripple and Noise (pk-pk)
VO=1.2 V-3.3 V
VO=0.9 V
-
-
50 mV
40 mV
70 mV
60 mV
Test condition: 0-20 MHz
BW
Turn on Time
-
7 mS
12 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
0 uF
-
1200 uF
Transient Response
Overshoot
-
150 mV
200 mV
50% ~ 100%
Max Load
Settling Time
-
20 uS
40 uS
Overshoot
-
150 mV
200 mV
100% ~ 50%
Max Load
Settling Time
All
-
20 uS
40 uS
Test conditions:
di/dt = 0.5 A/uS; Vin =
5 V
Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.


Similar Part No. - VRAH-03F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAH-03A150 BEL-VRAH-03A150 Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
VRAH-03A180 BEL-VRAH-03A180 Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
VRAH-03A250 BEL-VRAH-03A250 Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
VRAH-03A330 BEL-VRAH-03A330 Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
VRAH-03A500 BEL-VRAH-03A500 Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results

Similar Description - VRAH-03F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-07C1A0 BEL-XRAH-07C1A0 Datasheet
149Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output
XRAH-01FXX0 BEL-XRAH-01FXX0 Datasheet
207Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
XRAH-02C50X BEL-XRAH-02C50X Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 3.6 Vdc Input 5.0 Vdc/1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-12E1AX BEL-SLIN-12E1AX Datasheet
762Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /12 A Outputs
SLIN-06E2AX BEL-SLIN-06E2AX Datasheet
442Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
573Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 3.63 Vdc /30 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com