Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-06E120 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7AH-06E120
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-06E120 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7AH-06E120 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input
1.0V-5.0V/6A Output
Non-Isolated
OCP/SCP (Latch off)
Fixed Frequency (400kHz)
Trim Function
Remote On/Off
Low Profile Package (7.82mm)
Under-voltage Lockout (UVLO)
Description
The Bel x7AH-06Exx0 is part of the low cost non-isolated dc/dc converter series. The modules use a surface
mount package or vertical package for ease of layout and space savings, with a low profile of only 7.82mm. The
output is closely regulated and the efficiency of 3.3V output module is typically 91% at full load. Typical features
include Remote On/Off, under-voltage lockout, over-current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
5.0V
8.0 – 13.2V
6A
30W
94%
S7AH-06E500
V7AH-06E500
3.3V
4.5 – 13.2V
6A
19.8W
91%
S7AH-06E330
V7AH-06E330
2.5V
4.5 – 13.2V
6A
15W
89%
S7AH-06E250
V7AH-06E250
1.8V
4.5 – 13.2V
6A
10.8W
86%
S7AH-06E180
V7AH-06E180
1.5V
4.5 – 13.2V
6A
9.0W
84%
S7AH-06E150
V7AH-06E150
1.2V
4.5 – 13.2V
6A
7.2W
81%
S7AH-06E120
V7AH-06E120
1.0V
4.5 – 13.2V
6A
6W
79%
S7AH-06E100
V7AH-06E100
Note:
Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel Packaging”,
and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
14V
Output Enable Terminal Voltage
-0.3V
-
6.5V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
4.5V
-
13.2V
Input Current (full load)
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4.8A
5.5A
4.5A
3.4A
2.9A
2.4A
2.0A
x7AH-06E Series


Similar Part No. - S7AH-06E120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-06E BEL-S7AH-06E Datasheet
146Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
More results

Similar Description - S7AH-06E120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-06E BEL-S7AH-06E Datasheet
146Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com