Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7BA-06E2AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S7BA-06E2AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7BA-06E2AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7BA-06E2AX Datasheet HTML 1Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 2Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 3Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 4Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 5Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 6Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.75V-5.0V/6A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0V
Vo=3.3V
Vo=1.8V
Vo=0.75V
88%
85%
80%
68%
92%
88%
84%
73%
-
-
-
Measured at Vin=12V, full load
Switching Frequency
220KHz
250KHz
280KHz
Output Voltage Trim Range (wide trim)
0.7525V
-
5V
MTBF
3,079,469 hours
Calculated Per Bell Core TR-332 (IO
= Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
0.8 x 0.45 x 0.251
20.32 x 11.42 x 6.38
Surface Mount
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.0 x 0.5 x 0.243
25.4 x 12.7 x 6.16
Vertical Mount
Weight
-
5g
-
Note
: All specifications are typical at 25°C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.4V
Signal High (Unit On)
2.5V
-
14V
x7BA-06E2A0; Remote On/Off pin open, Unit
on.
Signal Low (Unit On)
-0.3V
-
0.4V
Signal High (Unit Off)
2.5V
-
14V
x7BA-06E2AL; Remote On/Off pin open, Unit
on.
Voltage Sequencing
Sequencing Voltage
0.05V
-
Vin
Sequencing Voltage should be higher than
output voltage.
Sequencing Slew Rate Capability
-
-
2V/mS
Sequencing Delay Time
10mS
-
-
Delay from Vin, min to application of voltage
on SEQ pin
Tracking Accuracy
Power-Up
Power-Down
-
-
100mV
200mV
200mV
400mV
Output Trim Equations
Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up resistor should be connected between the Trim pin and Ground.
1
7525
.
0
507
.
10
=
adj
trim
V
R
Equation for calculating the trim voltage (in V) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up voltage should be connected between the Trim pin and Ground.
)
7525
.
0
(
0667
.
0
7
.
0
×
=
adj
trim
V
V
Rtrim
Module
Vout
GND
Trim
Vtrim
Module
Vout
GND
Trim


Similar Part No. - S7BA-06E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7BA-06F2A0 BEL-S7BA-06F2A0 Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
S7BA-06F2AL BEL-S7BA-06F2AL Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
S7BA-06F2AX BEL-S7BA-06F2AX Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7BA-06E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com