Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-01K50X Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # S7AH-01K50X
Description  NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01K50X Datasheet(HTML) 6 Page - Bel Fuse Inc.

  S7AH-01K50X Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01K50X Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01K50X Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01K50X Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01K50X Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01K50X Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2005 Bel Fuse Inc. Specifications subject to change without notice. 020605
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel
852-2328-5515
Tel
44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0V-18V Input
5V/1A & 9V/1A & 12V/1A Output
S7AH-01Kxx0
V7AH-01Kxx0
Pin Connections
Pin
Function
1
Remote On/Off
2
Vin
3
Ground
4
Vout
5
N/A
6
N/A
7
N/A
Pin Connections
Pin
Function
1
Remote On/Off
2
Vin
3
Ground
4
Vout
5
N/A
be l
be l
bel


Similar Part No. - S7AH-01K50X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01K90L BEL-S7AH-01K90L Datasheet
193Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7AH-01K50X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
logo
Mean Well Enterprises C...
N78 MEANWELL-N78 Datasheet
151Kb / 8P
   1A Non-Isolated DC-DC Switching Regulator
logo
Bel Fuse Inc.
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
   12V main output and 5V,1A Aux output
logo
Bel Fuse Inc.
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com