Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPB-15E15L Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # VRPB-15E15L
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15E15L Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button VRPB-15E15L Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 9Page - Bel Fuse Inc. VRPB-15E15L Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 V - 13.2 V Input
0.9 V - 5.0 V/15 A Output
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
B
V
V
A
R
adj
nom
TrimDown
=
D
V
V
C
R
nom
adj
TrimUp
=
Vnom
A
B
C
D
0.9 - 3.63
N/A
N/A
6.008
2.150
5.0
31.574
19.010
6.008
11.50
3.3
18.8157
25.310
6.008
17.800
2.5
12.7927
30.110
6.008
22.600
1.8
7.5426
39.110
6.008
31.600
1.5
5.2865
33.610
6.008
26.100
1.2
3.027
24.410
6.008
16.900
0.9
N/A
N/A
6.008
64.900
Efficiency Data
MODULE 5.0V
70%
75%
80%
85%
90%
95%
100%
1.5
3.75
7.5
11.25
15.0
OUTPUT CURRENT
12V
MODULE 3.3V
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
1.5
3.75
7.5
11.25
15.0
OUTPUT CURRENT
5V
12V
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - VRPB-15E15L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-15E15L BEL-VRPB-15E15L Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPB-15E15L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com