Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPB-15E18L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPB-15E18L
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15E18L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPB-15E18L Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15E18L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 V - 13.2 V Input
0.9 V - 5.0 V/15 A Output
Non-Isolated
Over Temperature Protection
High Efficiency
Under-voltage Lockout (UVLO)
High Power Density
OCP/SCP
Low Cost
Remote Sense
Excellent Thermal Performance
Industrial Temperature Range
Remote On/Off
Wide Input Voltage Range
Active Low/High (option)
Wide Output Trim Range
Description
The Bel VRPB-15Exxx series are part of the low cost non-isolated dc/dc power converter series. These modules
use a SIP package for ease of layout and space savings. The output is closely regulated and the efficiency at
3.3 V output is typically 92% at full load. Typical features include remote on/off, under-voltage lockout, wide
input voltage range, wide output trim range, over-current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
5.0 V
8.0 V - 13.2 V
15 A
75.0 W
92.6%
VRPB-15E50L
VRPB-15E50S
3.3 V
4.5 V - 13.2 V
15 A
48.5 W
92%
VRPB-15E33L
VRPB-15E33S
2.5 V
4.5 V - 13.2 V
15 A
37.5 W
90%
VRPB-15E25L
VRPB-15E25S
1.8 V
4.5 V - 13.2 V
15 A
27.0 W
88%
VRPB-15E18L
VRPB-15E18S
1.5 V
4.5 V - 13.2 V
15 A
22.5 W
86%
VRPB-15E15L
VRPB-15E15S
1.2 V
4.5 V - 13.2 V
15 A
18.0 W
84%
VRPB-15E12L
VRPB-15E12S
0.9 V
4.5 V - 13.2 V
15 A
13.5 W
80%
VRPB-15E09L
VRPB-15E09S
0.9 V - 3.63 V
4.5 V - 13.2 V
15 A
54.5 W
92%
VRPB-15E1AL
VRPB-15E1AS
Note
: Add “G” suffix at the end of the model number to indicate “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
VRPB-15E Series
RoHS Compliant


Similar Part No. - VRPB-15E18L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-15E18L BEL-VRPB-15E18L Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPB-15E18L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com