Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7AH-01CX20 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # V7AH-01CX20
Description  NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-01CX20 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7AH-01CX20 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-01CX20 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-01CX20 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-01CX20 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-01CX20 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3 V-3.6 V Input
12 V/0.8 A & 15 V/0.6 A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=12 V
VO=15 V
11.58 V
14.475 V
12 V
15 V
12.42 V
15.525 V
Test condition:
Vin=3.3V, lout=full load
Line Regulation
VO=12 V
VO=15 V
-
-
20 mV
20 mV
40 mV
40 mV
Load Regulation
VO=12 V
VO=15 V
-
-
60 mV
75 mV
120 mV
150 mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=12 V
VO=15 V
-
-
45 mV
60 mV
80 mV
100 mV
Output Current
VO=12 V
VO=15 V
0 A
0 A
-
-
0.8 A
0.6 A
Ripple and Noise (rms)
VO=12 V; IO=0 A
VO=15 V; IO=0 A
VO=12 V; IO=0.8 A
VO=15 V; IO=0.6 A
-
-
-
-
25 mV
25 mV
25 mV
35 mV
50 mV
50 mV
50 mV
60 mV
Ripple and Noise (pk-pk)
VO=12V; IO=0A
VO=15V; IO=0A
VO=12V; IO=0.8A
VO=15V; IO=0.6A
-
-
-
-
85 mV
100 mV
60 mV
100 mV
120 mV
150 mV
100 mV
150 mV
Test conditions:
BW = 0-20 MHz; 1 uF Ceramic
capacitor and 33 uF Tantalum
capacitor at the output
Rise Time
-
5 mS
-
Overshoot at Turn on
-
0%
5%
Output Capacitance
33 uF
-
330 uF
The min output capacitance is
33 uF Tantalum capacitor at
the output
Transient Response
Overshoot
-
130 mV
200 mV
50% ~ 100%
Max Load
Settling Time
-
100 uS
200 uS
Overshoot
-
130 mV
200 mV
100% ~ 50%
Max Load
Settling Time
All
Outputs
-
100 uS
200 uS
di/dt = 0.1 A/uS; Vin = 3.3 V;
and with 33 uF Tantalum
capacitor at the output
Note:
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.


Similar Part No. - V7AH-01CX20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-01F50N BEL-V7AH-01F50N Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
V7AH-01FX2N BEL-V7AH-01FX2N Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
V7AH-01H120 BEL-V7AH-01H120 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7AH-01H150 BEL-V7AH-01H150 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7AH-01H180 BEL-V7AH-01H180 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
More results

Similar Description - V7AH-01CX20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
VRBA-03A1AX BEL-VRBA-03A1AX Datasheet
161Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com