Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEU75-5S Datasheet(PDF) 1 Page - AIMTEC

Part # AMEU75-5S
Description  75 Watt (U-Bracket) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEU75-5S Datasheet(HTML) 1 Page - AIMTEC

  AMEU75-5S Datasheet HTML 1Page - AIMTEC AMEU75-5S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AMEU75 Series
75 Watt (U-Bracket) AC/DC Converter
OPEN FRAME SWITCHING POWER SUPPLY
UNIVERSAL INPUT RANGE 90…264 VAC,
47…63HZ OR 120…370VDC
ULTRA COMPACT SIZE
3000 VAC INPUT-OUTPUT ISOLATION
REGULATED OUTPUT
LOW RIPPLE & NOISE
HIGH EFFICIENCY
CE & cUL APPROVALS
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification.
Model No. (Single Output)
AMEU75-5S
AMEU75-12S
AMEU75-
15S
AMEU75-24S
Max. Output Wattage (W)
60W
75W
75W
75W
Voltage
90-260 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Input
Current (Full Load)
2A Max. (115VAC) / 1A Max. (230VAC)
Inrush Current (<2ms)
20A Max. (115VAC) / 40A Max. (230VAC)
Leakage Current
1.5mA Max.
Voltage (VDC)
5V
12V
15V
24V
Voltage Accuracy
±2%
Max. Current (mA)
12,000
6,250
5,000
3,130
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Output
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF Depending on model.
Ripple & Noise (Vp-p)
75mV Max.
Efficiency
76%
78%
79%
80%
Hold-up Time
20ms Min.
Switching Frequency
133kHz
Voltage Adjustment Range
±10%
Over Power Protection
Auto Recovery
Protection
Over Voltage Protection
Zener Diode Clamp
Short Circuit Protection
Auto Recovery
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Output-FG (VAC)
500V
Operating Temperature
-25°C - +50°C (without derating)
Storage Temperature
-40°C - +85°C
Environment
Temperature Coefficient
0.02% / °C
Humidity
95% RH
MTBF
> 130,000 hrs @ 25°C (MIL-HDBK-217F)
Dimensions (LxWxH)
4.15x2.29x1.46 Inches (105.3x58.2x37.0mm) Tolerance ±1mm
Physical
Weight
280g
Cooling Method
Free Air Convection
Safety
Agency Approvals
CE, UL
EMC
EMI (Conducted & Radiated Emission)
EN55022 Class B
EMS (Noise Immunity)
EN55024


Similar Part No. - AMEU75-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEU150 AIMTEC-AMEU150 Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
AMEU150-12S AIMTEC-AMEU150-12S Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
AMEU150-15S AIMTEC-AMEU150-15S Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
AMEU150-24S AIMTEC-AMEU150-24S Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
AMEU150-3.3S AIMTEC-AMEU150-3.3S Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
More results

Similar Description - AMEU75-5S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEU150 AIMTEC-AMEU150 Datasheet
360Kb / 2P
   150 Watt (U - Bracket) AC/DC Converter
logo
ETA-USA
PFC-SX ETA-USA-PFC-SX Datasheet
917Kb / 5P
   75 WATT AC-DC CONVERTER
VTC-SB ETA-USA-VTC-SB Datasheet
307Kb / 3P
   75 WATT AC-DC CONVERTER
VTC05SA ETA-USA-VTC05SA Datasheet
309Kb / 3P
   75 WATT AC-DC CONVERTER
VTL-FWA ETA-USA-VTL-FWA Datasheet
301Kb / 3P
   75 WATT AC-DC CONVERTER
BNC-SA ETA-USA-BNC-SA Datasheet
266Kb / 3P
   75 WATT AC-DC CONVERTER
ERB-SZ ETA-USA-ERB-SZ Datasheet
287Kb / 2P
   75 WATT AC-DC CONVERTER
VTC-SZ ETA-USA-VTC-SZ Datasheet
191Kb / 2P
   75 WATT AC-DC CONVERTER
BWC-SX ETA-USA-BWC-SX Datasheet
285Kb / 3P
   75 WATT AC-DC CONVERTER
VTL-FWB ETA-USA-VTL-FWB Datasheet
131Kb / 1P
   75 WATT AC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com